Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSA932 Datasheet(PDF) 1 Page - YANGZHOU POSITIONING TECH. CO., LTD

Part # CSA932
Description  Asymmetric thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YZPST [YANGZHOU POSITIONING TECH. CO., LTD]
Direct Link  https://www.yzpst.com/
Logo YZPST - YANGZHOU POSITIONING TECH. CO., LTD

CSA932 Datasheet(HTML) 1 Page - YANGZHOU POSITIONING TECH. CO., LTD

  CSA932 Datasheet HTML 1Page - YANGZHOU POSITIONING TECH. CO., LTD CSA932 Datasheet HTML 2Page - YANGZHOU POSITIONING TECH. CO., LTD CSA932 Datasheet HTML 3Page - YANGZHOU POSITIONING TECH. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YANGZHOU POSITIONING TECH. CO., LTD
Tel: +86-514-87782298, 87782296
FAX:+86-514-87782297, 87367519
E-mail :positioning@china.com;
yzforever@vip.tom.com;
yzpst@pst888.com
WEB SITE:http://www.pst888.com
www.yzpst.cc
Asymmetric thyristors
PSTCSA932-28IX5
Blocking - Off State
VDRM (1)
VDSM (1)
VRRM (1)
VRSM(1)
2800
2800
30
30
VRRM = Repetitive peak reverse voltage
VDRM = Repetitive peak off state voltage
VRSM = Non repetitive peak reverse voltage
Repetitive peak reverse
leakage and off state
leakage
IRRM / IDRM
10 mA
60 mA (3)
Critical rate of voltage rise
dV/dt (4)
3000 V/
sec
Conducting - on state
Parameter
Symbol
Min.
Max.
Typ.
Units
Conditions
Average value of on-state
current
IT(AV)M
840
A
Sinewave,180
o
conduction,Tc=85
oC
RMS value of on-state current
ITRMSM
2070
A
Nominal value
Peak one cycle surge
(non repetitive) current
ITSM
-
18
KA
KA
8.3 msec (60Hz), sinusoidal wave-
shape, 180
o conduction, T
j = 125
oC
10.0 msec (50Hz), sinusoidal
wave-
shape, 180
o conduction, T
j = 125
oC
I square t
I
2t
1.54x10
3
KA
2s
8.3 msec and 10.0 msec
Latching current
IL
-
mA
VD = 24 V; RL= 12 ohms
Holding current
IH
-
mA
VD = 24 V; I = 2.5 A
Peak on-state voltage
VTM
2.4
V
ITM = 1000 A; Duty Cycle  0.01%;
Tj =25
oC
Threshold vlotage
VT0
1.54
V
Slope resistance
rT
0.40
mΩ
Critical rate of rise of on-state
current (5, 6)
di/dt
-
A/
s
Switching from VDRM  1000 V,
non-repetitive
Critical rate of rise of on-state
current (6)
di/dt
500
A/
s
Switching from VDRM  1000 V
Notes:
All ratings are specified for Tj=25
oC unless
otherwise stated.
(1) All voltage ratings are specified for an applied
50Hz/60zHz sinusoidal waveform over the
temperature range
-40 to +125
oC.
(2) 10 msec. max. pulse width
(3) Maximum value for Tj = 125
oC.
(4) Minimum value for linear and exponential
waveshape to 80% rated VDRM. Gate open.
Tj = 125
oC.
(5) Non-repetitive value.
(6) The value of di/dt is established in accordance
with EIA/NIMA Standard RS-397, Section
5-2-2-6. The value defined would be in addi-
tion to that obtained from a snubber circuit,
comprising a 0.2
F capacitor and 20 ohms
resistance in parallel with the thristor under
test.


Similar Part No. - CSA932

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA931PNP CDIL-CSA931PNP Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA932

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TA329Q DYNEX-TA329Q Datasheet
102Kb / 10P
Asymmetric Thyristor
TA449W DYNEX-TA449W Datasheet
146Kb / 12P
Asymmetric Thyristor
logo
List of Unclassifed Man...
A358S ETC1-A358S Datasheet
213Kb / 4P
Fast Asymmetric Thyristors
logo
Ledil, Inc.
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
CA14523 LEDIL-CA14523 Datasheet
2Mb / 9P
Asymmetric beam.
C14522 LEDIL-C14522 Datasheet
1Mb / 6P
Asymmetric beam
C12512 LEDIL-C12512 Datasheet
2Mb / 5P
Asymmetric beam
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com