Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0341SQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH0341SQ/NOPB
Description  3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0341SQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH0341SQ/NOPB Datasheet HTML 17Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 18Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 19Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 20Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 21Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 22Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 23Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 24Page - Texas Instruments LMH0341SQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LMH0341
+
-
+
-
+
-
+
-
+
-
+
-
RX4
RX3
RX2
RX1
RX0
RXCLK
SDA
SCK
SMB_CS
75
Ö
75
Ö
75
Ö
75
Ö
5.6 nH
SDI Loopthrough
Output
7.87 k
Ö
30 nF
RSET
LF_REF
LF_CP
TXOUT+
TXOUT-
GPIO_0
GPIO_1
RX_MUX_SEL
3.3V
2.5V
2.5V
4.7 µF
4.7 µF
VDDPLL
22 µF
3.3V
5 k
Ö
1,15,18,36
7,25,35
5
DAP, 8,9,10,
23,24,29
3
4
6
12
14
21
22
26
27
28
34
38
37
40
39
42
41
44
43
46
45
48
47
3.3V
5 k
Ö
2
GPIO_2
11
RXIN0+
RXIN0-
RXIN1+
RXIN1-
Reference Black
Signal
See LMH0344
Datasheet
For details
16
17
19
20
LMH0344
All Bypass
CAPS not
shown
3.3V
DVB_ASI
RESET
LOCK
30
31
DNC
13
33
32
3.3V 3.3V
LMH0041, LMH0051
LMH0071, LMH0341
www.ti.com
SNLS272Q – APRIL 2007 – REVISED APRIL 2013
There are three supply connections (see bypass discussion in POWER SUPPLIES and also PIN
DESCRIPTIONS for recommendations). The two main supplies are the 3.3V rail and the 2.5V rail. There is also
a 3.3V connection for the PLL circuitry.
There are multiple Ground connections for the device. The main ground connection for the SER is through the
large center DAP pad. This must be connected to ground for proper device operation. In addition, multiple other
inputs are required to be connected to ground as show in Figure 17 and listed in PIN DESCRIPTIONS.
Figure 17. Typical SMPTE Application Circuit
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH0041 LMH0051 LMH0071 LMH0341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com