Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6628MA/NOPB.A Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6628MA/NOPB.A
Description  LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6628MA/NOPB.A Datasheet(HTML) 4 Page - Texas Instruments

  LMH6628MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH6628MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMH6628
SNOSA02D – MAY 2002 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
VCC = ±5V, AV = +2V/V, RF = 100Ω, RG = 100Ω, RL = 100Ω; unless otherwise specified. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage Range
RL = ∞
±3.8
V
VOL
RL = 100Ω
±3.2
±3.5
V
±3.1
CMIR
Input Voltage Range
Common- Mode
±3.7
V
IO
Output Current
±50
±85
mA
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com