Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMK03002 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMK03002
Description  LMK03002 /LMK03002C Precision Clock Conditioner with Integrated VCO
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK03002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK03002 Datasheet HTML 17Page - Texas Instruments LMK03002 Datasheet HTML 18Page - Texas Instruments LMK03002 Datasheet HTML 19Page - Texas Instruments LMK03002 Datasheet HTML 20Page - Texas Instruments LMK03002 Datasheet HTML 21Page - Texas Instruments LMK03002 Datasheet HTML 22Page - Texas Instruments LMK03002 Datasheet HTML 23Page - Texas Instruments LMK03002 Datasheet HTML 24Page - Texas Instruments LMK03002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LMK03002
www.ti.com
SNAS414E – AUGUST 2007 – REVISED APRIL 2013
PLL_MUX[3:0] – Multiplexer Control for LD Pin
These bits set the output mode of the LD pin. The table below lists several different modes.
PLL_MUX[3:0]
Output Type
LD Pin Function
0
Hi-Z
Disabled (default)
1
Push-Pull
Logic High
2
Push-Pull
Logic Low
3
Push-Pull
Digital Lock Detect (Active High)
4
Push-Pull
Digital Lock Detect (Active Low)
5
Push-Pull
Analog Lock Detect
6
Open Drain NMOS
Analog Lock Detect
7
Open Drain PMOS
Analog Lock Detect
8
Invalid
9
Push-Pull
N Divider Output/2 (50% Duty Cycle)
10
Invalid
11
Push-Pull
R Divider Output/2 (50% Duty Cycle)
12 to 15
Invalid
"Logic High" and "Logic Low" allow the PLL_MUX pin to be used as a general purpose output. These modes are
also useful when debugging to verify programming. The Digital Lock Detect operation is covered in DIGITAL
LOCK DETECT.
Analog Lock Detect outputs the state of the charge pump on the LD pin. While the charge pump is on, the LD pin
is low. While the charge pump is off, the LD pin is high. By using two resistors, a capacitor, diode, and
comparator a lock detect circuit may be constructed. When in lock the charge pump will only turn on momentarily
once every period of the phase detector frequency. "N Divider Output/2" and "R Divider Output/2" output half the
frequency of the phase detector on the LD pin. When the device is locked, these frequencies should be the
same. These options are useful for debugging.
NOTE
For more information on lock detect circuits, see chapter 32 of PLL Performance,
Simulation and Design Handbook, Fourth Edition by Dean Banerjee.
POWERDOWN bit – Device Power Down
This bit can power down the device. Enabling this bit powers down the entire device and all blocks, regardless of
the state of any of the other bits or pins.
POWERDOWN bit
Mode
0
Normal Operation (default)
1
Entire Device Powered Down
EN_CLKout_Global bit – Global Clock Output Enable
This bit overrides the individual CLKoutX_EN bits (see CLKoutX_EN bit – Clock Output Enables). When this bit is
set to 0, all clock outputs are disabled, regardless of the state of any of the other bits or pins. See CLKout
OUTPUT STATES for more information on CLKout states.
EN_CLKout_Global bit
Clock Outputs
0
All Off
1
Normal Operation (default)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMK03002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com