Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7721MAX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP7721MAX/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MAX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP7721MAX/NOPB Datasheet HTML 16Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 17Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 18Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 19Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 20Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 21Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 22Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 23Page - Texas Instruments LMP7721MAX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
+
-
Guard
OUT
+1
IN
VREF
+
-
Guard
Input
Rleak
Cstray
Ground
2.5V
ûV = 2.5V!
2.5V
ûV = 0V!
Cstray
Rleak
0V
High Impedance
Input Amplifer
Guard
Driver
Vcm
Leakage
Path
Leakage
Path
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMP7721 is specified for operation from 1.8 V to 5.5 V. Many of the specifications apply from –40°C to
125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Typical Characteristics section.
8.1.1 Using a Guard
In order to take full advantage of the LMP7721’s ultra-low input bias current, a "Guard" trace is recommended
when designing sub-nanoamp systems.
Figure 46. Guarding Theory
A "Guard" is a driven trace or shield that physically surrounds the input trace and feedback circuitry that is held at
a potential equal to the average input signal potential. Since the input circuitry and the guard are kept at the
same potential, the leakage current between the two nodes is practically zero. The guard is a low-impedance
node, so any external leakages will "leak" into the guard and not into the protected input. One benefit of using a
guard is it cancels the effect of the added stray and cable capacitance at low frequencies (but cannot cancel the
sensor or amplifier input capacitance).
The guard potential may be taken from the inverting input (summing node) in noninverting and buffer
applications. An example of this is shown in Figure 47 If the guarding needs to extend beyond the immediate
local area around the IC, then a buffer should be used to drive the guard to prevent adding additional
capacitance to the inverting node.
Figure 47. Guarding the Noninverting Configuration
The guard potential may be taken from the noninverting input or reference voltage in inverting or transimpedance
applications. An example of this is shown in Figure 48
20
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com