Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MAX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP8350MAX/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MAX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP8350MAX/NOPB Datasheet HTML 16Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 17Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 18Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 19Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 20Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 21Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 22Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 23Page - Texas Instruments LMP8350MAX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Enable Pin and Power Mode Selection
The LMP8350 is equipped with a four-level enable (EN) pin to select one of three power modes or shutdown.
These modes are selected by applying the appropriate voltage to the EN pin.
Each power level has a corresponding performance level. The high power mode will have the best overall BW
and distortion performance, but at the cost of higher supply current and some DC accuracy. The low power mode
has the lowest supply current, but with a noticeable loss of AC performance and output drive capabilities. The
mid-power mode provides the best balance of AC and precision DC specifications. In disable mode, the amplifier
is shutdown and the output stage goes into a high impedance state. Table 1 summarizes these performance
trade-offs.
Table 1. Performance vs. Power Mode Summary
–3dB BW
HD2
NOISE
SR
TYP VOS
MODE
VS
(MHz)
(dBc)
(nV/Hz)
(V/µS)
(mV)
10
118
–124.7
4.6
507
0.6
High
6.6
116
–124.7
4.5
488
0.3
5
114
–125.5
4.5
476
0.2
10
87
–122.8
4.8
393
0.08
Med
6.6
85
–122.8
4.8
376
0.1
5
84
–122.6
4.8
366
0.1
10
31
–117.2
8
178
0.1
Low
6.6
29
–117.2
8
166
0.1
5
28
–117
8
160
0.1
To set the mode, internally the voltage at the EN pin is compared against the total supply voltage (VS) and sets
the current consumption as shown in the table below. The EN pin voltage is referenced to the V- pin.
Table 2. Enable Pin Mode Selection
VEN
POWER
IS
VEN AT 10 V
VEN AT 6.6 V
VEN AT 5 V
(VS = V+ - V-)
MODE
mA
7/8 × VS
High
8.75
5.775
4.375
13 to 15
5/8 × VS
Med
6.25
4.125
3.125
7 to 9
3/8 × VS
Low
3.75
2.475
1.875
2 to 3
1/8 × VS
Disable
1.25
0.825
0.625
< 1
The enable pin should not be allowed to float. If the enable pin is not used it can be tied to V+ to select the high
power mode or set with two resistors.
Each power setting has a ±400-mV tolerance at each level, though TI recommends to keep the set voltage within
the center of the range as performance may vary near the transition zones.
During shutdown, both outputs are in a high impedance state, so the feedback and gain set resistors will then set
the input and output impedance of the circuit. For this reason input to output isolation will be poor in the disabled
state.
The voltage at the EN pin can be generated with a resistive voltage divider or a buffer connected to a voltage
source or a DAC. Figure 34 shows how to generate EN voltage with a resistive voltage divider.
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com