Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB.A Datasheet(PDF) 16 Page - Texas Instruments

Part # LMS4684ITL/NOPB.A
Description  LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMS4684ITL/NOPB.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMS4684ITL/NOPB.A Datasheet HTML 10Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 11Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 12Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 13Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 14Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 15Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 16Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 17Page - Texas Instruments LMS4684ITL/NOPB.A Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MECHANICAL DATA
YZR0012xxx
www.ti.com
TLA12XXX (Rev C)
0.600±0.075
D
E
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
4215049/A
12/12
NOTES:
D: Max =
E: Max =
2.378 mm, Min =
1.641 mm, Min =
2.317 mm
1.581 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com