Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1091TMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV1091TMX/NOPB
Description  LMV1091 Dual Input, Far Field Noise Suppression Microphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1091TMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV1091TMX/NOPB Datasheet HTML 1Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 2Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 3Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV1091TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
* The value of the low-pass filter capacitor is application dependent, see the application section for additional information.
VDD
GND
Mic
Bias
REF
Mic1+
1.1 k:
1.1 k:
1.1 k:
1.1 k:
VDD
1 PF
C1
10 nF
CVREF
RIN3
RIN1
CIN1
Mic2+
470 nF
CIN3
CIN4
CIN2
Mic2-
470 nF
470 nF
Mic1-
470 nF
RIN2
RIN4
Bias
Mute 1
Mute 2
GA0
GA1
GA2
GA3
+
-
Mode
Mode 0
Shutdown
SD
Mode 1
Mic
CNTRL
Post-Amp Gain
(6-18 dB)
GB0
GB1
GB2
Pre-Amp Gain
(6 - 36 dB)
Optimized
Audio
Ouput
*
OUT-
LPF-
Optimized
Audio
Ouput
*
OUT+
LPF+
+/-0.5 dB
matched
omnidirectional
microphones
Analog
Noise
Canceling
Block
LMV1091
Loud Mu
sic
Tra
ffic
Noise
Crowd Noise
Anno
unce
men
ts
Ma
ch
ine
No
ise
Near-Field Voice
Far-field noise, > 50 cm
Up to 4 cm
Pure analog solution
provides superior
performance over DSP
solutions
Far field noise reduced
by up to 20 dB in properly
configured and using
+/-0.5 dB matched
microphones
LMV1091
SNAS481C – OCTOBER 2009 – REVISED MAY 2013
www.ti.com
System Diagram
Typical Application
Figure 1. Typical Dual Microphone Far Field noise Cancelling Application
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMV1091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com