Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC08 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  M68HC08 Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 172 page
background image
MC68HC908JL3E Family Data Sheet, Rev. 3
Freescale Semiconductor
35
Chapter 3
Configuration Registers (CONFIG)
3.1 Introduction
This section describes the configuration registers (CONFIG1 and CONFIG2). The configuration registers
enables or disables the following options:
•
Stop mode recovery time (32
× 2OSCOUT cycles or
4096
× 2OSCOUT cycles)
•STOP instruction
•
Computer operating properly module (COP)
•
COP reset period (COPRS), (213–24)
× 2OSCOUT or
(218–24)
× 2OSCOUT
•
Enable LVI circuit
•
Select LVI trip voltage
3.2 Functional Description
The configuration register is used in the initialization of various options. The configuration register can be
written once after each reset. All of the configuration register bits are cleared during reset. Since the
various options affect the operation of the MCU it is recommended that this register be written immediately
after reset. The configuration register is located at $001E and $001F, and may be read at anytime.
NOTE
The CONFIG registers are one-time writable by the user after each reset.
Upon a reset, the CONFIG registers default to predetermined settings as
shown in Figure 3-1 and Figure 3-2.
3.3 Configuration Register 1 (CONFIG1)
COPRS — COP reset period selection bit
1 = COP reset cycle is (213 – 24)
× 2OSCOUT
0 = COP reset cycle is (218 – 24)
× 2OSCOUT
Address:
$001F
Bit 7
654321
Bit 0
Read:
COPRS
R
R
LVID
R
SSREC
STOP
COPD
Write:
Reset:
00000000
R= Reserved
Figure 3-1. Configuration Register 1 (CONFIG1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com