Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431C6 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 95Page - STMicroelectronics STM32G431C6 Datasheet HTML 96Page - STMicroelectronics STM32G431C6 Datasheet HTML 97Page - STMicroelectronics STM32G431C6 Datasheet HTML 98Page - STMicroelectronics STM32G431C6 Datasheet HTML 99Page - STMicroelectronics STM32G431C6 Datasheet HTML 100Page - STMicroelectronics STM32G431C6 Datasheet HTML 101Page - STMicroelectronics STM32G431C6 Datasheet HTML 102Page - STMicroelectronics STM32G431C6 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 198 page
background image
DS12589 Rev 1
99/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
161
AHB2
CRC
1.11
1.05
0.86
0.90
µA/MHz
GPIOA
1.00
0.91
0.73
0.93
GPIOB
0.55
0.50
0.41
0.54
GPIOC
0.56
0.51
0.42
0.43
GPIOD
0.35
0.33
0.26
0.26
GPIOE
0.59
0.55
0.45
0.41
GPIOF
0.46
0.43
0.36
0.31
GPIOG
0.38
0.36
0.29
0.26
CCMSRAM
0.32
0.31
0.26
0.25
SRAM2
0.70
0.66
0.55
0.55
ADC12 AHB clock domain
6.72
6.27
5.17
5.95
ADC12 independent clock domain
0.61
0.59
0.46
0.56
DAC1
5.57
5.17
4.40
4.99
DAC3
5.67
5.30
NA
NA
RNG clock domain
3.63
3.37
NA
Na
RNG independent clock domain
1.06
1.00
NA
NA
AHB
ALL AHB peripherals
79.97
74.54
57.83
66.98
µA/MHz
APB1
AHB to APB1 bridge
0.47
0.37
0.32
0.08
µA/MHz
TIM2
10.84
10.04
8.21
9.31
TIM3
9.32
8.65
7.10
8.02
TIM4
8.60
8.00
6.61
7.53
TIM6
2.88
2.69
2.22
2.66
TIM7
2.72
2.53
2.09
2.41
CRS
0.65
0.62
0.50
0.57
RTC
3.72
3.49
2.92
3.73
WWDG
0.77
0.74
0.60
0.71
SPI2
4.96
4.63
3.82
4.33
SPI3
5.33
4.98
4.09
4.67
I2S2 clock domain
3.45
3.23
2.65
2.95
I2S2 independent clock domain
1.51
1.40
1.17
1.38
I2S3 clock domain
3.86
3.62
2.97
3.49
I2S3 independent clock domain
1.47
1.36
1.12
1.18
Table 36. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com