Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3923 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3923
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923 Datasheet(HTML) 4 Page - Texas Instruments

  LP3923 Datasheet HTML 1Page - Texas Instruments LP3923 Datasheet HTML 2Page - Texas Instruments LP3923 Datasheet HTML 3Page - Texas Instruments LP3923 Datasheet HTML 4Page - Texas Instruments LP3923 Datasheet HTML 5Page - Texas Instruments LP3923 Datasheet HTML 6Page - Texas Instruments LP3923 Datasheet HTML 7Page - Texas Instruments LP3923 Datasheet HTML 8Page - Texas Instruments LP3923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LDO7
VIN2
LDO6
LDO5
LDO4
LDO3
TX_EN
RX_EN
TCXO_EN
LDO2
LDO8
IMON
RESET_N
PS_HOLD
VIN1
GND
SDA
PON_N
SEL
LDO1
BATT
SCL
PWR_ON
HF_PWR
SW
CHG_IN
ACOK_N
FB
GNDB
VINB
5
4
3
2
1
A
5
4
3
2
1
B
C
D
E
F
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Device Pin Diagram
Table 1. LP3923 PIN DESCRIPTIONS(1)
Pin Number
Name
Type
Description
A1
LDO4
A
LDO4 Output
A2
LDO5
A
LDO5 Output
A3
LDO6
A
LDO6 Output
A4
VIN2
P
Input for LDO3 -LDO8
A5
LDO7
A
LDO7 Output
B1
LDO2
A
LDO2 Output
B2
TCXO_EN
DI
Enable control input for LDO4. HIGH = Enable, LOW = Disable (SLEEP
Mode).
B3
RX_EN
DI
Enable control input for LDO5. HIGH = Enable, LOW = Disable.
B4
TX_EN
DI
Enable control input for LDO6. HIGH = Enable, LOW = Disable.
B5
LDO3
A
LDO3 Output
C1
VIN1
P
Input for LDO1 and LDO2
C2
PS_HOLD
DI
Power Supply Hold Input
C3
RESET_N
DO
Reset Output. Pin stays LOW during power up sequence
Charging current monitor output. This pin presents an analog voltage
C4
IMON
A
representation of the charging current.
C5
LDO8
A
LDO8 Output
D1
LDO1
A
LDO1 Output
D2
SEL
DI
LDO1 and LDO2 default voltage selection.
D3
PON_N
DO
State of PWR_ON inverted. Digital output referred to LDO3.
D4
SDA
DI/O
Serial Interface, Data Input/Output
Open Drain output, external pull up resistor is needed, typ. 1.5 k
Ω.
D5
GND
G
IC Ground pin
E1
SW
A
Buck Output
(1)
A: Analog Pin D: Digital Pin I: Input Pin DI/O: Digital Input/Output Pin G: Ground O: Output Pin P: Power Connection
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com