| Electronic Components Datasheet Search |
|
LP3923TLX/NOPB Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3923TLX/NOPB Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 37 page ![]() LP3923 SNVS567B – APRIL 2010 – REVISED MAY 2013 www.ti.com Table 5. Register 0x00 – OP_EN1 BUCK_PWM 0 - Auto mode PFM/PWM 1 - Buck forced PWM mode EN_BUCK 0 - disable Buck 1 - enable Buck EN_LDO8 0 - disable LDO8 1 - enable LDO8 EN_LDO7 0 - disable LDO7 1 - enable LDO7 EN_LDO2 0 - disable LDO2 on LP3923TL/X and -VI; enable on LP3923TL/X-VB 1 - enable LDO2 on LP3923TL/X and -VI; disable on LP3923TL/X-VB EN_LDO1 0 - disable LDO1 on LP3923TL/X and -VI; enable on LP3923TL/X-VB 1 - enable LDO1 on LP3923TL/X and -VI; disable on LP3923TL/X-VB Table 6. Register 0x0C (Read Only) – Status 1 PWR_ON_TRIG 0 - system was not powered on by PWR_ON input 1 - system was powered on by PWR_ON input HF_PWR_TRIG 0 - system was not powered on by HF_PWR input 1 - system was powered on by HF_PWR input CHG_IN_TRIG 0 - system was not powered on by connecting AC adapter 1 - system was powered on by connecting AC adapter TSD_H 0 - Thermal Shutdown threshold not exceeded 1 - Thermal Shutdown threshold exceeded (cause Power Down sequence) TSD_L 0 - chip temperature has not been over TSD early warning threshold 1 - chip temperature has been over TSD early warning threshold FF 0 - Buck output voltage out of range 1 - Buck output voltage within range Table 7. Register 0x13 (Read Only) – CHARGER Status 1 BATT_OVER_OUT 0 - battery voltage is in normal range 1- battery voltage is over critical limit CHGIN_OK_OUT 0 - voltage is not connected to AC adapter input 1 - voltage is connected to AC adapter input EOC 0 - charging current is above EOC current level 1 - charging current is below EOC current level TOUT_FULLRATE 0 - no time out occurred in Constant Current mode 1 - time out occurred in Constant Current mode TOUT_PRECHG 0 - no time out occurred in pre-charge mode 1 - time out occurred in pre-charge mode FULLRATE 0 - charger is not in CC or CV mode 1 - charger is in CC or CV mode PRECHG 0 - charger is not in pre-charge mode 1 - charger is in pre-charge mode Table 8. Register 0x14 (Read Only) – CHARGER Status 2 TOUT_CONSTV 0 - no time out occurred in Constant Voltage mode 1 - time out occurred in Constant Voltage mode BAD_BATT 0 - charger has not detected a bad battery 1 - charger has detected a bad battery 16 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: LP3923 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |