Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3988 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3988
Description  LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright © 2016, Texas Instruments Incorporated
IN
EN
PG
OUT
Overcurrent and Thermal
Protection
R1
Fast
Turnon
Circuit
Vreference
1.23 V
GND
R2
Low = OFF
High = ON
10
LP3988-Q1
SLAS928B – MARCH 2013 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP3988-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP3988-Q1 is a combination of a low-dropout linear regulator with an enable function, along with a Power
Good (PG) output. The enable function allows the LP3988-Q1 output to be selectively enabled, or disabled, as
needed. The PG output goes high when the LP3988-Q1 output voltage is typically above 95% of nominal.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Enable (En)
A high input on the EN pin (VEN ≥ VIH) activates the device, which turns the regulator to an ON state. A low input
on the EN pin (VEN ≤ VIL) disables the device which turns the regulator to an OFF state. Operating with VEN
between the VIL and the VIH thresholds is not recommended as the device status cannot be assured. For self-
bias applications where the VEN function is not needed, connect the EN pin to the IN pin.
8.3.2 Regulated Output (OUT)
The OUT pin is the regulated output voltage based on the internally pre-programmed voltage. The output has
current limitation. In the event that the regulator drops out of regulation due to low input voltage, the output tracks
the input minus a drop based on the load current. There is no UVLO circuitry. Device behavior is undefined when
VIN is below the minimum operating input voltage of either 2.5 V, or VOUT + 200 mV, whichever is greater.
8.3.3 Power Good (PG) Output
The PG pin is an open-drain output and can be pulled up to any 6 V, or lower rail through an external pullup
resistor. The PG pin is high-impedance when VOUT is greater than the PG trip high threshold (VTHH). If VOUT is
less than the PG trip low threshold (VTHL), the open-drain output turns on and pulls the PG output low. If output
voltage monitoring is not needed, the PG pin can be left floating or connected to GND. The behavior of the
Power-Good feature is not ensured when VIN is less than 2.5 V.
8.3.4 PG Delay Time
The Power-Good delay times (tON, tOFF) are defined as the time period from when VOUT crosses either the PG
high trip threshold voltage (VTHH), or the PG low trip threshold voltage (VTHL), to when the PG output changes to
the appropriate state. The power-good delay times are set internally, and both are typically 10 µs. There is no
external adjustment available to alter the delay times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com