Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3988IMF-3.3/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3988IMF-3.3/NOPB
Description  LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988IMF-3.3/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3988IMF-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LP3988
www.ti.com
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Unless otherwise specified: VEN = 1.8 V, VIN = VOUT + 0.5 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF; typical values and limits
are for TJ = 25°C, and minimum and maximum values and limits apply over the entire junction temperature range for
operation,
−40°C to +125°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD
PG low threshold
VTHL
% of VOUT (PG ON), TJ = 25°C
90%
93%
95%
(See Figure 10)
PG high threshold
VTHH
% of VOUT (PG OFF), TJ = 25°C
(7)
92%
95%
98%
(See Figure 10)
VOL
PG output logic low voltage
IPULLUP = 100 µA, fault condition
0.02
0.1
V
IPGL
PG output leakage current
PG off, VPG = 6 V
0.02
µA
(7)
The low and high thresholds are generated together. Typically a 2.6% difference is seen between these thresholds.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
TON
PG turnon time(1), VIN = 4.2 V
10
µs
TOFF
PG turnoff time(1), VIN = 4.2 V
10
µs
(1)
Turnon time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
6.7 Typical Characteristics
Unless otherwise specified, CIN = COUT = 1 µF ceramic, VIN = VOUT + 0.2 V, TA = 25°C, EN pin is tied to VIN.
Figure 1. Ripple Rejection Ratio (LP3988-2.6 V)
Figure 2. Ripple Rejection Ratio (LP3988-2.6 V)
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com