Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5952TL-1.0/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5952TL-1.0/NOPB
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952TL-1.0/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5952TL-1.0/NOPB Datasheet HTML 10Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 11Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 12Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 13Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 16Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 17Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
100%
80%
60%
40%
20%
0402, 6.3V, X5R
0603, 10V, X5R
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
Figure 10. Typical Variation In Capacitance vs DC Bias
Capacitance of the ceramic capacitor can vary with temperature. The capacitor type X7R, which operates over a
temperature range of –55°C to +125°C, only varies the capacitance to within ±15%. The capacitor type X5R has
a similar tolerance over a reduced temperature range of –55°C to +85°C. Many large value ceramic capacitors,
larger than 1 µF, are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by
more than 50% as the temperature varies from 25°C to 85°C. Therefore, X7R is recommended over Z5U and
Y5V in applications where the ambient temperature changes significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. The ESR of a typical tantalum increases about 2:1 as the temperature goes
from 25°C down to –40°C, so some guard band must be allowed.
8.2.1.2.5
Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the device, to the ultimate heat sink, the ambient environment. Thus the power
dissipation is dependent on the ambient temperature and the thermal resistance across the various interfaces
between the die and ambient air.
As stated in the Recommended Operating Conditions, the allowable power dissipation for the device in a given
package can be calculated using Equation 1:
PD = (TJ(MAX) – TA) / RθJA
(1)
With an RRθJA = 181°C/W, the device in the 5-pin DSBGA package returns a value of 552 mW with a maximum
junction temperature of 125°C at TA of 25°C or 221 mW at TA of 85°C.
The actual power dissipation across the device can be estimated by Equation 2:
PD = (VIN – VOUT) × IOUT
(2)
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com