Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8900TLE-3333/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP8900TLE-3333/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900TLE-3333/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8900TLE-3333/NOPB Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 9Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 10Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 11Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 12Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 13Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Enable (EN)
The LP8900 EN pin is internally held low by a 3-M
Ω resistor to GND. The Enable pin voltage must be higher than
the VIH threshold to ensure that the device is fully enabled under all operating conditions.
When the EN pin is pulled low, the output is off and the device typically consumes 3 nA.
8.4.2 Minimum Operating Input Voltage (VIN)
The LP8900 does not include any dedicated UVLO circuitry. The LP8900 internal circuitry is not fully functional
until VIN is at least 1.8 V. The output voltage is not regulated until VIN has reached at least the greater of 1.8 V or
(VOUT + VDO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com