Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3991TL-1.7/NOPB.A Datasheet(PDF) 23 Page - Texas Instruments

Part # LP3991TL-1.7/NOPB.A
Description  LP3991 300-mA LDO for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3991TL-1.7/NOPB.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 18Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 21Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 22Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 23Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MECHANICAL DATA
YZR0004xxx
www.ti.com
TLA04XXX (Rev D)
0.600±0.075
D
E
4215042/A
12/12
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
D: Max =
E: Max =
1.46 mm, Min =
0.99 mm, Min =
1.4 mm
0.93 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com