Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2917 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 20Page - NXP Semiconductors LPC2917 Datasheet HTML 21Page - NXP Semiconductors LPC2917 Datasheet HTML 22Page - NXP Semiconductors LPC2917 Datasheet HTML 23Page - NXP Semiconductors LPC2917 Datasheet HTML 24Page - NXP Semiconductors LPC2917 Datasheet HTML 25Page - NXP Semiconductors LPC2917 Datasheet HTML 26Page - NXP Semiconductors LPC2917 Datasheet HTML 27Page - NXP Semiconductors LPC2917 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
24 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
CLK_SAFE see Section 7.2.2
8.4.2 Watchdog timer
8.4.2.1
Overview
The purpose of the watchdog timer is to reset the ARM9 processor within a reasonable
amount of time if the processor enters an error state. The watchdog generates a system
reset if the user program fails to trigger it correctly within a predetermined amount of time.
Key features:
Internal chip reset if not periodically triggered
Timer counter register runs on always-on safe clock
Optional interrupt generation on watchdog timeout
Debug mode with disabling of reset
Watchdog control register change-protected with key
Programmable 32-bit watchdog timer period with programmable 32-bit prescaler.
8.4.2.2
Description
The watchdog timer consists of a 32-bit counter with a 32-bit prescaler.
The watchdog should be programmed with a time-out value and then periodically
restarted. When the watchdog times out it generates a reset through the RGU.
To generate watchdog interrupts in watchdog debug mode the interrupt has to be enabled
via the interrupt enable register. A watchdog-overflow interrupt can be cleared by writing
to the clear-interrupt register.
Another way to prevent resets during debug mode is via the Pause feature of the
Watchdog Timer. The watchdog is stalled when the ARM9 is in debug mode and the
PAUSE_ENABLE bit in the Watchdog Timer Control register is set.
The Watchdog Reset output is fed to the Reset Generator Unit (RGU). The RGU contains
a reset source register to identify the reset source when the device has gone through a
reset. See Section 8.8.5.
8.4.2.3
Pin description
The watchdog has no external pins.
8.4.2.4
Watchdog timer clock description
The Watchdog Timer is clocked by two different clocks; CLK_SYS_PESS and
CLK_SAFE, see Section 7.2.2. The register interface towards the system bus is clocked
by CLK_SYS_PESS. The timer and prescale counters are clocked by CLK_SAFE which
is always on.
8.4.3 Timer
8.4.3.1
Overview
The LPC2917/19 contains six identical timers: four in the peripheral subsystem and two in
the Modulation and Sampling Control SubSystem (MSCSS) located at different peripheral
base addresses. This section describes the four timers in the peripheral subsystem. Each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com