Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128GT Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 3Page - STMicroelectronics M58LR128GT Datasheet HTML 4Page - STMicroelectronics M58LR128GT Datasheet HTML 5Page - STMicroelectronics M58LR128GT Datasheet HTML 6Page - STMicroelectronics M58LR128GT Datasheet HTML 7Page - STMicroelectronics M58LR128GT Datasheet HTML 8Page - STMicroelectronics M58LR128GT Datasheet HTML 9Page - STMicroelectronics M58LR128GT Datasheet HTML 10Page - STMicroelectronics M58LR128GT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
7/84
M58LR128GT, M58LR128GB
SUMMARY DESCRIPTION
The M58LR128GT/B is a 128 Mbit (8 Mbit x16)
non-volatile Flash memory that may be erased
electrically at block level and programmed in-sys-
tem on a Word-by-Word basis using a 1.7V to 2.0V
VDD supply for the circuitry and a 1.7V to 2.0V
VDDQ supply for the Input/Output pins. An optional
9V VPP power supply is provided to speed up fac-
tory programming.
The device features an asymmetrical block archi-
tecture and is based on a multi-level cell technolo-
gy. M58LR128GT/B has an array of 131 blocks,
and is divided into 8 Mbit banks. There are 15
banks each containing 8 main blocks of 64
KWords, and one parameter bank containing 4 pa-
rameter blocks of 16 KWords and 7 main blocks of
64 KWords.
The Multiple Bank Architecture allows Dual Oper-
ations, while programming or erasing in one bank,
read operations are possible in other banks. Only
one bank at a time is allowed to be in program or
erase mode. It is possible to perform burst reads
that cross bank boundaries. The bank architecture
is summarized in Table 2., and the memory maps
are shown in Figure 4. The Parameter Blocks are
located at the top of the memory address space for
the M58LR128GT, and at the bottom for the
M58LR128GB.
Each block can be erased separately. Erase can
be suspended, in order to perform a program or
read operation in any other block, and then re-
sumed. Program can be suspended to read data
at any memory location except for the one being
programmed, and then resumed. Each block can
be programmed and erased over 100,000 cycles
using the supply voltage VDD. There is a Buffer
Enhanced Factory programming command avail-
able to speed up programming.
Program and erase commands are written to the
Command Interface of the memory. An internal
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified in the
Status Register. The command set required to
control the memory is consistent with JEDEC stan-
dards.
The device supports Synchronous Burst Read and
Asynchronous Read from all blocks of the memory
array; at power-up the device is configured for
Asynchronous Read. In Synchronous Burst Read
mode, data is output on each clock cycle at fre-
quencies of up to 54MHz. The Synchronous Burst
Read operation can be suspended and resumed.
The device features an Automatic Standby mode.
When the bus is inactive during Asynchronous
Read operations, the device automatically switch-
es to the Automatic Standby mode. In this condi-
tion the power consumption is reduced to the
standby value and the outputs are still driven.
The M58LR128GT/B features an instant, individu-
al block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and erase.
When VPP ≤ VPPLK all blocks are protected against
program or erase. All blocks are locked at power-
up.
The device includes 17 Protection Registers and 2
Protection Register locks, one for the first Protec-
tion Register and the other for the 16 One-Time-
Programmable (OTP) Protection Registers of 128
bits each. The first Protection Register is divided
into two segments: a 64 bit segment containing a
unique device number written by ST, and a 64 bit
segment One-Time-Programmable (OTP) by the
user. The user programmable segment can be
permanently protected. Figure 5., shows the Pro-
tection Register Memory Map.
The M58LR128GT/B is offered in a VFBGA56,
7.7 x 9mm, 0.75mm pitch package.
In addition to the standard version, the packages
are also available in Lead-free version, in compli-
ance with JEDEC Std J-STD-020B, the ST ECO-
PACK 7191395 Specification, and the RoHS
(Restriction of Hazardous Substances) directive.
All packages are compliant with Lead-free solder-
ing processes.
The memory is supplied with all the bits erased
(set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com