Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128GT85ZB5F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58LR128GT85ZB5F
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT85ZB5F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58LR128GT85ZB5F Datasheet HTML 24Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 25Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 26Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 27Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 28Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 29Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 30Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 31Page - STMicroelectronics M58LR128GT85ZB5F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
M58LR128GT, M58LR128GB
28/84
chronous read operations. When the Valid Clock
Edge bit is Low (set to ’0’) the falling edge of the
Clock is the active edge. When the Valid Clock
Edge bit is High (set to ’1’) the rising edge of the
Clock is the active edge.
Wrap Burst Bit (CR3)
The Wrap Burst bit, CR3, is used to select be-
tween wrap and no wrap. Synchronous burst
reads can be confined inside the 4, 8 or 16 Word
boundary (wrap) or overcome the boundary (no
wrap).
When the Wrap Burst bit is Low (set to ‘0’) the
burst read wraps. When it is High (set to ‘1’) the
burst read does not wrap.
Burst length Bits (CR2-CR0)
The Burst Length bits are used to set the number
of Words to be output during a Synchronous Burst
Read operation as result of a single address latch
cycle.
They can be set for 4 Words, 8 Words, 16 Words
or continuous burst, where all the Words are read
sequentially. In continuous burst mode the burst
sequence can cross bank boundaries.
In continuous burst mode, in 4, 8 or 16 Words no-
wrap, depending on the starting address, the de-
vice asserts the WAIT signal to indicate that a de-
lay is necessary before the data is output.
If the starting address is aligned to an 8 Word
boundary no WAIT states are needed and the
WAIT output is not asserted.
If the starting address is not aligned to the 8 Word
boundary, WAIT will be asserted when the burst
sequence crosses the first 16 Word boundary to
indicate that the device needs an internal delay to
read the successive Words in the array.
WAIT will be asserted only once during a continu-
ous burst access. See also Table 12., Burst Type
Definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com