Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431C6I7 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32G431C6I7
Description  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6I7 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32G431C6I7 Datasheet HTML 85Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 86Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 87Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 88Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 89Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 90Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 91Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 92Page - STMicroelectronics STM32G431C6I7 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 198 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
fHCLK = fHSE
all peripherals disable
2 MHz
180
335
810
1450
2500
1300 1800 2700
4200
5900
μA
1 MHz
135
300
770
1400
2450
790
1400 2200
3700
5800
250 KHz
115
265
740
1350
2400
350
840
1700
3300
5600
62.5 KHz 89.5
255
730
1350
2400
340
840
1700
3200
5500
fHCLK = fHSI / HPRE
all peripherals disable
2 MHz
730
875
1350
1950
3000
1000 1900 2900
4200
5900
1 MHz
675
830
1300
1950
3000
1000 1600 2800
4100
5800
250 KHz
655
820
1300
1950
3000
1000 1600 2700
4000
5800
62.5 KHz
680
850
1300
1950
3000
1000 1600 2500
3900
5700
Table 29. Current consumption in Sleep and Low-power sleep mode Flash ON (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
Table 30. Current consumption in low-power sleep modes, Flash in power-down
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(LPSleep)
Supply current
in low-power
sleep mode
fHCLK = fHSE
all peripherals
disable
-
2 MHz
175
290
805
1450
2500
300
660
1900
3400
5600
μA
1 MHz
125
280
765
1400
2450
260
640
1800
3300
5600
250 KHz
105
240
735
1350
2400
220
620
1700
3300
5600
62.5 KHz
105
245
725
1350
2400
210
610
1700
3300
5500
fHCLK = fHSI
all peripherals
disable
-
2 MHz
670
830
1350
1950
3000
890
1400 2600
4000
5700
1 MHz
655
825
1300
1950
3000
880
1400 2600
3900
5700
250 KHz
635
825
1300
1900
2950
870
1200 2500
3900
5700
62.5 KHz
640
840
1300
1900
2950
850
1200 2200
3500
5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com