Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA569AIDWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA569AIDWPR
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA569AIDWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA569AIDWPR Datasheet HTML 3Page - Texas Instruments OPA569AIDWPR Datasheet HTML 4Page - Texas Instruments OPA569AIDWPR Datasheet HTML 5Page - Texas Instruments OPA569AIDWPR Datasheet HTML 6Page - Texas Instruments OPA569AIDWPR Datasheet HTML 7Page - Texas Instruments OPA569AIDWPR Datasheet HTML 8Page - Texas Instruments OPA569AIDWPR Datasheet HTML 9Page - Texas Instruments OPA569AIDWPR Datasheet HTML 10Page - Texas Instruments OPA569AIDWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
OPA569
SBOS264A
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
12
10
8
6
4
2
0
SHUTDOWN CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3
3.5
4
4.5
5
5.5
I
LIMIT = 200mA, 1A, and 2A
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
°C)
12
10
8
6
4
2
0
–55
–35
5
–15
25
45
65
105
85
125
10
8
6
4
2
0
QUIESCENT CURRENT vs CURRENT LIMIT SETTING
Current Limit Setting (A)
0
0.5
1
1.5
2
2.5
10000
1000
100
10
1
0.1
0.01
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–55
–35
–15
5
25
45
65
85
105
125
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
SLEW RATE vs LOAD RESISTANCE
Load Resistance (
Ω)
110
SR–
SR+
100
1000
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
SLEW RATE vs TEMPERATURE
Temperature (
°C)
–55
5
25
45
–35
–15
65
85
105
125
SR–
SR+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com