Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA342NA/3K.B Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA342NA/3K.B
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA342NA/3K.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA342NA/3K.B Datasheet HTML 2Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 3Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 4Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 5Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 6Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 7Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 8Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 9Page - Texas Instruments OPA342NA/3K.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA342, 2342, 4342
6
SBOS106A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
Output Current (mA)
5
≈
≈
10
15
20
V+
(V+) – 1
(V+) – 2
2
1
0
85
°C
25
°C
–40
°C
85
°C
25
°C
–40
°C
OPEN-LOOP GAIN vs OUTPUT VOLTAGE SWING
120
110
100
90
80
Output Voltage Swing from Rail (mV)
120
100
80
60
40
20
0
R
L = 5kΩ
R
L = 100kΩ
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
24
20
16
12
8
4
0
Typical production
distribution of
packaged units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Quiescent Current (
µA)
QUIESCENT CURRENT
PRODUCTION DISTRIBUTION
24
20
16
12
8
4
0
SETTLING TIME vs CLOSED-LOOP GAIN
1
Closed-Loop Gain (V/V)
10
100
0.01%
0.1%
1000
400
350
300
250
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com