Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1602APT.B Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1602APT.B
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1602APT.B Datasheet HTML 28Page - Texas Instruments PCM1602APT.B Datasheet HTML 29Page - Texas Instruments PCM1602APT.B Datasheet HTML 30Page - Texas Instruments PCM1602APT.B Datasheet HTML 31Page - Texas Instruments PCM1602APT.B Datasheet HTML 32Page - Texas Instruments PCM1602APT.B Datasheet HTML 33Page - Texas Instruments PCM1602APT.B Datasheet HTML 34Page - Texas Instruments PCM1602APT.B Datasheet HTML 35Page - Texas Instruments PCM1602APT.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
VOUT3
VOUT4
VOUT5
VOUT6
NC
NC
ZERO6/GPO6
ZERO5/GPO5
ZERO4/GPO4
ZERO2/GPO3
ZERO3/GPO2
ZERO1/GPO1
AGND2
VCC2
AGND1
VCC1
NC
NC
NC
NC
MDO
MDI
MC
ML
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
(1)
Serial control and reset functions can be provided by DSP/decoder GPIO pins.
(2)
Actual clock output used is determined by the application.
(3)
RS = 22 Ω to 100 Ω.
(4)
See the Application Information section of this datasheet for more information.
Figure 31. Typical Application Diagram
32
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com