Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1725U/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1725U/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725U/2K Datasheet(HTML) 3 Page - Texas Instruments

  PCM1725U/2K Datasheet HTML 1Page - Texas Instruments PCM1725U/2K Datasheet HTML 2Page - Texas Instruments PCM1725U/2K Datasheet HTML 3Page - Texas Instruments PCM1725U/2K Datasheet HTML 4Page - Texas Instruments PCM1725U/2K Datasheet HTML 5Page - Texas Instruments PCM1725U/2K Datasheet HTML 6Page - Texas Instruments PCM1725U/2K Datasheet HTML 7Page - Texas Instruments PCM1725U/2K Datasheet HTML 8Page - Texas Instruments PCM1725U/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
3
PCM1725
PIN ASSIGNMENTS
PIN
NAME
I/O
FUNCTION
1(1)
LRCIN
IN
Sample Rate Clock Input
2(1)
DIN
IN
Audio Data Input
3(1)
BCKIN
IN
Bit Clock Input for Audio Data.
4
NC
—
No Connection
5
CAP
—
Common Pin of Analog Output Amp
6VOUTR
OUT
Right-Channel Analog Output
7
GND
—
Ground
8VCC
—
Power Supply
9VOUTL
OUT
Left-Channel Analog Output
10
NC
—
No Connection
11
NC
—
No Connection
12(2)
DM
IN
De-emphasis Control
HIGH: De-emphasis ON
LOW: De-emphasis OFF
13(2) FORMAT
—
Audio Data Format Select
HIGH: I2S Data Format
LOW: Standard Data Format
14
SCKI
IN
System Clock Input (256fS or 384fS)
NOTES: (1) Schmitt Trigger input. (2) Schmitt Trigger input with internal
pull-up.
PIN CONFIGURATION
TOP VIEW
SOIC
LRCIN
DIN
BCKIN
NC
CAP
V
OUTR
GND
SCKI
FORMAT
DM
NC
NC
V
OUTL
V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PCM1725
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PCM1725U
14 Pin SOIC
235
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage ....................................................................... +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Input Logic Voltage .................................................. –0.3V to (VDD + 0.3V)
Power Dissipation .......................................................................... 290mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
Thermal Resistance,
θ
JA .............................................................. +90°C/W
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com