Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1723E/2K.B Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1723E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1723E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PCM1723
14
SBAS057A
www.ti.com
THEORY OF OPERATION
The delta-sigma section of the PCM1723 is based on a 5-
level amplitude quantizer and a 3rd-order noise shaper. This
section converts the oversampled input data to 5-level delta-
sigma format.
A block diagram of the 5-level delta-sigma modulator is
shown in Figure 16. This 5-level delta-sigma modulator has
the advantage of stability and clock jitter sensitivity over the
typical one-bit (2 level) delta-sigma modulator.
The combined oversampling rate of the delta-sigma modu-
lator and the internal 8X interpolation filter is 48fS for a
384fS system clock, and 64fS for a 256fS system clock. The
theoretical quantization noise performance of the 5-level
delta-sigma modulator is shown in Figure 17.
AC-3 APPLICATION CIRCUIT
A typical application for the PCM1723 is AC-3 5.1 channel
audio decoding and playback. This circuit uses the PCM1723
to develop the audio system clock from the 27MHz video
clock, with the SCKO pin used to drive the AC-3 decoder
and two PCM1720 units, the non-PLL version of the
PCM1723.
FIGURE 17. Quantization Noise Spectrum.
3rd ORDER
∆Σ MODULATOR
Frequency (kHz)
20
0
–20
–40
–60
–80
–100
–120
–140
–160
0
5
10
15
20
25
FIGURE 16. 5-Level
∆Σ Modulator Block Diagram.
Out
48f
S (384fS)
64f
S (256fS)
In
8f
S
18-Bit
+
+
+
4
3
2
1
0
5-level Quantizer
+
–
+
Z–1
+
–
+
Z–1
+
+
Z–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com