Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FNP Datasheet(PDF) 1 Page - Alpha Electronics Corp.

Part # FNP
Description  High Power Precision Shunt Resistor, Up to 500W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

FNP Datasheet(HTML) 1 Page - Alpha Electronics Corp.

  FNP Datasheet HTML 1Page - Alpha Electronics Corp. FNP Datasheet HTML 2Page - Alpha Electronics Corp. FNP Datasheet HTML 3Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.alpha-elec.co.jp
1
FNP Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
12600-EN
Rev 26-Feb-2021
High Power Precision Shunt Resistor, Up to 500W
High Power Precision Shunt Resistor, Up to 500W
12600-EN
Rev 26-Feb-2021
FNP Series
FEATURES
•
Temperature coefficient of resistance (TCR)
+25°C to +60°C, +25°C ref.: 0 ±1 ppm/°C
–25°C to +125°C, +25°C ref.: 0 ±5 ppm/°C
• Utilizing Ni-Cr Bulk Metal® Foil Technology for realizing
low TCR
• Low thermal resistance with Copper plate
Œ Improved to 0.1°C/W from 0.3°C/W (conventional
model)
Œ Maximum rated power up to 500W on heat sink
• Extended max. ambient temperature to 125°C
(85°C with conventional model)
• Built-in Pt100 sensor monitor temperature of resistive
element
Œ Easily define size of suitable heat sink
Œ As safety function for continuous operation
APPLICATIONS
• Output reference of precision power supply
• Reference of charge-discharge test for high capacity
batteries
COMPOSITION OF TYPE NUMBER
FNP Z R0100 B
Resistance Value*
Type
Example:
TCR
Tolerance
* R is a dual-purpose letter that designates both the value
range (R for ohmic) and the location of decimal point.
TCR—RESISTANCE VS. TOLERANCE
Tolerance of Built-in Pt100 Sensor:
±[0.8 + 0.008(t)]°C
TCR
(ppm/°C)
Resistance
Range
(Ω)
Tolerance
(%)
Rated
Power
(W)
0 ±1 (Z)
0 ±2.5 (Y)
(+25°C to +60°C)
0 ±5 (X)
(–25°C to +125°C)
0.001 to 10**
±0.05 (A)
±0.1 (B)
±0.5 (D)
±1.0 (F)
500
(on heat
sink*)
* Keep temperature of element surface less than 125°C.
** Please contact us for higher resistance value
Made in
Japan
CONTRUCTION OF MATERIALS
• Base plate: Nickel-plated Copper
• Current terminal: Nickel-plated Copper (T = 1.0 mm)
• Voltage and Pt terminals: Nickel-plated Copper
(T = 0.5 mm)
• Package: PPS Injection-molded case
CONFIGURATION—Dimensions in mm
hexagonal nut
M6
C1
C2
V1 V2
20.0
7.5
5.5
25.0
15.0
4 5.5
55.0
8.0
2.8
CAUTION
— tighten screws at
• current terminals: <5.2N
⋅ m
• voltage terminals: <0.0195N
⋅ m


Similar Part No. - FNP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNP-1.25 ETC-FNP-1.25 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
FNP-1.25 JST-FNP-1.25 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
FNP-2 ETC-FNP-2 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
FNP-2 JST-FNP-2 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
FNP-5.5 ETC-FNP-5.5 Datasheet
97Kb / 1P
PARALLEL
More results

Similar Description - FNP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
Precision Power Shunt Resistors
logo
Bourns Electronic Solut...
PWR4413DR0100 BOURNS-PWR4413DR0100 Datasheet
30Kb / 1P
Free to Air Shunt Resistor
PWR4413CR0100 BOURNS-PWR4413CR0100 Datasheet
28Kb / 1P
Free to Air Shunt Resistor
PWR4413BR0100 BOURNS-PWR4413BR0100 Datasheet
28Kb / 1P
Free to Air Shunt Resistor
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Riedon Powertron
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
Power Shunt Resistor
logo
Wall Industries,Inc.
DCHB500 WALL-DCHB500 Datasheet
533Kb / 6P
Up to 500W DC/DC Power Module Single Output
logo
Stackpole Electronics, ...
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com