Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 60Page - Microchip Technology LAN9252 Datasheet HTML 61Page - Microchip Technology LAN9252 Datasheet HTML 62Page - Microchip Technology LAN9252 Datasheet HTML 63Page - Microchip Technology LAN9252 Datasheet HTML 64Page - Microchip Technology LAN9252 Datasheet HTML 65Page - Microchip Technology LAN9252 Datasheet HTML 66Page - Microchip Technology LAN9252 Datasheet HTML 67Page - Microchip Technology LAN9252 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 329 page
background image
LAN9252
DS00001909A-page 64
 2015 Microchip Technology Inc.
During and following any power management mode other than D0, writes from the Host Bus are ignored until after a
read cycle is performed.
8 AND 16-BIT ACCESS
While in 8 or 16-bit data mode, the host is required to perform two or four, 16 or 8-bit writes to complete a single DWORD
transfer. No ordering requirements exist. The host can access either the low or high WORD or BYTE first, as long as
the other write(s) is(are) performed to the remaining WORD or BYTEs.
A write BYTE / WORD counter keeps track of the number of writes. At the trailing edge of the write cycle, the counter is
incremented. Once all writes occur, a 32-bit write is performed to the internal register.
The write BYTE / WORD counter is reset if the power management mode is set to anything other than D0.
9.4.2.2
Read Cycles
A read cycle occurs when CS and RD are active (or when ENB is active with RD_WR indicating read). The host address
and endianness were already captured during the address latch cycle.
At the beginning of the read cycle, the appropriate register is selected and its data is driven onto the data pins. Depend-
ing on the bus width, either a WORD or a BYTE is read. For 8 or 16-bit data modes, the returned BYTE or WORD is
determined by the endianness and the lower address inputs.
POLLING FOR INITIALIZATION COMPLETE
Before device initialization, the HBI will not return valid data. To determine when the HBI is functional, the Byte Order
Test Register (BYTE_TEST) should be polled. Each poll should consist of an address latch cycle(s) and a data cycle.
Once the correct pattern is read, the interface can be considered functional. At this point, the Device Ready (READY)
bit in the Hardware Configuration Register (HW_CFG) can be polled to determine when the device is fully configured.
READS DURING AND FOLLOWING POWER MANAGEMENT
During any power management mode other than D0, reads from the Host Bus are ignored. If the power management
mode changes back to D0 during an active read cycle, the tail end of the read cycle is ignored. Internal registers are not
affected and the state of the HBI does not change.
8 AND 16-BIT ACCESS
For certain register accesses, the host is required to perform two or four consecutive 16 or 8-bit reads to complete a
single DWORD transfer. No ordering requirements exist. The host can access either the low or high WORD or BYTE
first, as long as the other read(s) is(are) performed from the remaining WORD or BYTEs.
A read BYTE / WORD counter keeps track of the number of reads. This counter is separate from the write counter
above. At the trailing edge of the read cycle, the counter is incremented. On the last read for the DWORD, an internal
read is performed to update any Change on Read CSRs.
The read BYTE / WORD counter is reset if the power management mode is set to anything other than D0.
SPECIAL CSR HANDLING
Live Bits
Any register bit that is updated by a H/W event is held at the beginning of the read cycle to prevent it from changing
during the read cycle.
Multiple BYTE / WORD Live Registers in 16 or 8-Bit Modes
Some registers have “live” fields or related fields that span across multiple BYTEs or WORDs. For 16 and 8-bit data
reads, it is possible for the value of these fields to change between host read cycles. In order to prevent reading inter-
mediate values, these registers are locked when the first byte or word is read and unlocked when the last byte or word
is read.
The registers are unlocked if the power management mode is set to anything other than D0.
Note:
Writing the same WORD or BYTEs in the same DWORD assemble cycle may cause undefined or unde-
sirable operation. The HBI hardware does not protect against this operation.
Note:
Reading the same WORD or BYTEs from the same DWORD may cause undefined or undesirable opera-
tion. The HBI hardware does not protect against this operation. The HBI simply counts that four BYTEs
have been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com