Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 249 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 249 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 245Page - Microchip Technology LAN9252TV/ML Datasheet HTML 246Page - Microchip Technology LAN9252TV/ML Datasheet HTML 247Page - Microchip Technology LAN9252TV/ML Datasheet HTML 248Page - Microchip Technology LAN9252TV/ML Datasheet HTML 249Page - Microchip Technology LAN9252TV/ML Datasheet HTML 250Page - Microchip Technology LAN9252TV/ML Datasheet HTML 251Page - Microchip Technology LAN9252TV/ML Datasheet HTML 252Page - Microchip Technology LAN9252TV/ML Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 249
LAN9252
PDI Configuration Register: SPI Mode
Bits
Description
ECAT
Type
PDI
Type
Default
15
I/O[15:14] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
14
I/O[13:12] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
13
I/O[11:10] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
12
I/O[9:8] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
11
I/O[7:6] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
10
I/O[5:4] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
9
I/O[3:2] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
8
I/O[1:0] Buffer Type
0:
Push-Pull
1:
Open Drain
RO
RO
0b
Note 18
7
I/O[15:14] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
6
I/O[13:12] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
5
I/O[11:10] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
4
I/O[9:8] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
3
I/O[7:6] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
2
I/O[5:4] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18
1
I/O[3:2] Direction
0:
Input
1:
Output
RO
RO
0b
Note 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com