Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 32Page - Microchip Technology LAN9252TV/ML Datasheet HTML 33Page - Microchip Technology LAN9252TV/ML Datasheet HTML 34Page - Microchip Technology LAN9252TV/ML Datasheet HTML 35Page - Microchip Technology LAN9252TV/ML Datasheet HTML 36Page - Microchip Technology LAN9252TV/ML Datasheet HTML 37Page - Microchip Technology LAN9252TV/ML Datasheet HTML 38Page - Microchip Technology LAN9252TV/ML Datasheet HTML 39Page - Microchip Technology LAN9252TV/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 329 page
background image
LAN9252
DS00001909A-page 36
 2015 Microchip Technology Inc.
5.2.2
BACK-TO-BACK READ CYCLES
There are also restrictions on specific back-to-back host read operations. These restrictions concern reading specific
registers after reading a resource that has side effects. In many cases there is a delay between reading the device, and
the subsequent indication of the expected change in the control and status register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have been estab-
lished. These periods are specified in Table 5-3. The host processor is required to wait the specified period of time
between read operations of specific combinations of resources. The wait period is dependent upon the combination of
registers being read.
Performing “dummy” reads of the Byte Order Test Register (BYTE_TEST) register is a convenient way to guarantee that
the minimum wait time restriction is met. Table 5-3 below also shows the number of dummy reads that are required for
back-to-back read operations. The number of BYTE_TEST reads in this table is based on the minimum timing for Tcyc
(45ns). For microprocessors with slower busses the number of reads may be reduced as long as the total time is equal
to, or greater than the time specified in the table. Dummy reads of the BYTE_TEST register are not required as long as
the minimum time period is met.
Note that depending on the host interface mode in use, the basic host interface cycle may naturally provide sufficient
time between reads. It is required of the system design and register access mechanisms to ensure the proper timing.
For example, multiple reads to the same register may occur faster than reads to different registers.
For 8 and 16-bit read cycles, the wait time for the back-to-back read operation is required only after the reading of the
last BYTE or WORD of the register, which completes a single DWORD transfer. There is no wait requirement between
the BYTE or WORD accesses within the DWORD transfer.
General Purpose Timer Con-
figuration Register
(GPT_CFG)
55
2
General Purpose Timer Con-
figuration Register
(GPT_CFG)
170
4
General Purpose Timer Count
Register (GPT_CNT)
EtherCAT Process RAM Write
Data FIFO
(ECAT_PRAM_WR_DATA)
50
2
EtherCAT Process RAM Write
Command Register
(ECAT_PRAM_WR_CMD)
TABLE 5-3:
READ AFTER READ TIMING RULES
After reading...
wait for this many
nanoseconds...
or Perform this many
Reads of BYTE_TEST…
(assuming Tcyc of 45ns)
before reading...
EtherCAT Process RAM Read
Data FIFO
(ECAT_PRAM_RD_DATA)
50
2
EtherCAT Process RAM Read
Command Register
(ECAT_PRAM_RD_CMD)
TABLE 5-2:
READ AFTER WRITE TIMING RULES (CONTINUED)
After Writing...
wait for this many
nanoseconds...
or Perform this many
Reads of BYTE_TEST…
(assuming Tcyc of 45ns)
before reading...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com