Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 262 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 262 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 258Page - Microchip Technology LAN9252TV/ML Datasheet HTML 259Page - Microchip Technology LAN9252TV/ML Datasheet HTML 260Page - Microchip Technology LAN9252TV/ML Datasheet HTML 261Page - Microchip Technology LAN9252TV/ML Datasheet HTML 262Page - Microchip Technology LAN9252TV/ML Datasheet HTML 263Page - Microchip Technology LAN9252TV/ML Datasheet HTML 264Page - Microchip Technology LAN9252TV/ML Datasheet HTML 265Page - Microchip Technology LAN9252TV/ML Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 329 page
background image
LAN9252
DS00001909A-page 262
 2015 Microchip Technology Inc.
Note 20:
Error bits are cleared by writing “000” (or any valid command) to Command Register bits.
Note 21:
Write access is possible if EEPROM interface is busy (Busy bit = 1). PDI acknowledges pending commands
by writing a 1 into the corresponding command register bits 10:8. Errors can be indicated by writing a 1 into
the error bits (11 and 13). Acknowledging clears bit 5 of the AL Event Request Register.
Note 22:
The Command Register bits are self clearing after the command is executed (EEPROM Busy ends). Writing
“000” to the Command Register bits will also clear the error bits 14:13. The Command Register bits are
ignored if the Error Acknowledge/Command is pending.
Note 23:
The default of this bit is dependent on the eeprom_size_strap.
Note 24:
The ECAT Write Enable bit is self clearing at the SOF of the next frame.
Note:
EtherCAT controls the SII EEPROM interface if the PDI EEPROM Control bit of the EEPROM Configuration
Register is 0 and the Access to EEPROM bit of the EEPROM PDI Access State Register is 0. Otherwise,
PDI controls the EEPROM interface.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
10:8
Command Register
Write: Initiate command
Read: Currently executed command
000:
No command/EEPROM idle (clear error bits)
001:
Read
010:
Write
100:
Reload
Others:
RESERVED / invalid commands (no not issue)
(See Note 22)
R/W
R/[W]
Note 21
000b
7
Selected EEPROM Algorithm
0:
1 address byte (1Kbit - 16Kbit EEPROMs)
1:
2 address bytes (32Kbit - 4Mbit EEPROMs)
RO
RO
Note 23
6
Supported Number of EEPROM Bytes
0:
4 Bytes
1:
8 Bytes
RO
RO
0b
5
EEPROM Emulation
0:
Normal operation (I2C interface used)
1:
PDI emulates EEPROM (I2C not used)
Note:
Must be written as 0.
RO
RO
0b
4:1
RESERVED
RO
RO
0b
0
ECAT Write Enable
0:
Write requests are disabled
1:
Write requests are enabled
(See Note 24)
R/W
RO
0b
Bits
Description
ECAT
Type
PDI
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com