Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 280 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 280 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 276Page - Microchip Technology LAN9252TV/ML Datasheet HTML 277Page - Microchip Technology LAN9252TV/ML Datasheet HTML 278Page - Microchip Technology LAN9252TV/ML Datasheet HTML 279Page - Microchip Technology LAN9252TV/ML Datasheet HTML 280Page - Microchip Technology LAN9252TV/ML Datasheet HTML 281Page - Microchip Technology LAN9252TV/ML Datasheet HTML 282Page - Microchip Technology LAN9252TV/ML Datasheet HTML 283Page - Microchip Technology LAN9252TV/ML Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 329 page
background image
LAN9252
DS00001909A-page 280
 2015 Microchip Technology Inc.
12.14.69 SPEED COUNTER START REGISTER
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.70 SPEED COUNTER DIFF REGISTER
Note:
The clock deviation after System Time Difference has settled at a low value can be calculated as follows:
Deviation = Speed Counter Diff / 5(Speed Counter Start + Speed Counter Diff + 2)(Speed Counter Start -
Speed Counter Diff + 2)
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
Offset:
0930h-0931h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15
RESERVED
Write as 0.
RO
RO
0b
14:0
Bandwidth for adjustment of local copy of System Time (larger
values -> smaller bandwidth and smoother adjustment). A write
access resets the System Time Difference Register and Speed
Counter Diff Register.
Valid range: 0080h-3FFFh.
R/W
RO
1000h
Offset:
0932h-0933h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Representation of the deviation between local clock period and
Reference Clock’s clock period (representation: two’s compli-
ment).
Valid Range: +/-(Speed Counter Start Register-7Fh).
RO
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com