Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 295 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 295 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 291Page - Microchip Technology LAN9252TV/ML Datasheet HTML 292Page - Microchip Technology LAN9252TV/ML Datasheet HTML 293Page - Microchip Technology LAN9252TV/ML Datasheet HTML 294Page - Microchip Technology LAN9252TV/ML Datasheet HTML 295Page - Microchip Technology LAN9252TV/ML Datasheet HTML 296Page - Microchip Technology LAN9252TV/ML Datasheet HTML 297Page - Microchip Technology LAN9252TV/ML Datasheet HTML 298Page - Microchip Technology LAN9252TV/ML Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 295
LAN9252
13.0
EEPROM INTERFACE
The device contains an I2C master controller, which uses the EESCL and EESDA pins. EESCL and EESDA require an
external pull-up resistor. Both 1 byte and 2 byte addressed EEPROMs are supported. The size is determined by the
eeprom_size_strap.
13.1
I2C Interface Timing Requirements
This section specifies the I2C master interface input and output timings. The I2C master interface runs in fast-mode with
a rate of 148.8 kHz.
Note 41:
These values provide 400 ns of margin compared to the I2C fast-mode specification.
Note 42:
These values provide ~2100 ns of margin compared to the I2C fast-mode specification.
Note 43:
These values provide 300 ns of setup margin and 400 ns of hold margin compared to the I2C fast-mode
specification.
FIGURE 13-1:
I2C MASTER TIMING DIAGRAM
TABLE 13-1:
I2C MASTER TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
fscl
EESCL clock frequency
-
148.8
-
kHz
thigh
EESCL high time
3.0
-
-
s
tlow
EESCL low time
3.0
-
-
s
tr
Rise time of EESDA and EESCL
-300
ns
tf
Fall time of EESDA and EESCL
-300
ns
tsu;sta
Setup time (provided to slave) of EESCL high before EESDA
output falling for repeated start condition
1000
Note 41
--
ns
thd;sta
Hold time (provided to slave) of EESCL after EESDA output fall-
ing for start or repeated start condition
1000
Note 41
--
ns
tsu;dat;in
Setup time (from slave) EESDA input before EESCL rising
200
Note 42
--
ns
thd;dat;in
Hold time (from slave) of EESDA input after EESCL falling
0
-
-
ns
tsu;dat;out
Setup time (provided to slave) EESDA output before EESCL
rising
400
Note 42
--
ns
thd;dat;out
Hold time (provided to slave) of EESDA output after EESCL fall-
ing
400
Note 42
--
ns
tsu;sto
Setup time (provided to slave) of EESCL high before EESDA
output rising for stop condition
1000
Note 41
--
ns
EESDA
(out)
EESCL
S
P
Sr
tf
tr
thd;sta
thd;dat;in
tsu;dat;in
tsu;sta
tsu;sto
EESDA
(in)
thigh
tlow
thd;dat;out
tsu;dat;out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com