Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TV/ML Datasheet(PDF) 311 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 311 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 307Page - Microchip Technology LAN9252TV/ML Datasheet HTML 308Page - Microchip Technology LAN9252TV/ML Datasheet HTML 309Page - Microchip Technology LAN9252TV/ML Datasheet HTML 310Page - Microchip Technology LAN9252TV/ML Datasheet HTML 311Page - Microchip Technology LAN9252TV/ML Datasheet HTML 312Page - Microchip Technology LAN9252TV/ML Datasheet HTML 313Page - Microchip Technology LAN9252TV/ML Datasheet HTML 314Page - Microchip Technology LAN9252TV/ML Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 311
LAN9252
18.5
DC Specifications
TABLE 18-6:
NON-VARIABLE I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD33)
Input Capacitance
Pull-Up Impedance
(VIN = VSS)
Pull-Down Impedance
(VIN = VDD33)
VILI
VIHI
VHYS
IIH
CIN
RDPU
RDPD
-0.3
2.0
121
-10
6
52
0.8
3.6
151
10
3
8.9
79
V
V
mV
µA
pF
KΩ
KΩ
Note 19
AI Type Input Buffer
(FXSDENA/FXSDENB)
Low Input Level
High Input Level
VIL
VIH
-0.3
1.2
0.8
VDD33+0.3
V
V
AI Type Input Buffer
(RXPA/RXNA/RXPB/RXNB)
Differential Input Level
Common Mode Voltage
Input Capacitance
VIN-DIFF
VCM
CIN
0.1
1.0
VDD33TXRXx
-1.3
VDD33TXRXx
5
V
V
pF
AI Type Input Buffer
(FXLOSEN Input)
State A Threshold
State B Threshold
State C Threshold
VTHA
VTHB
VTHC
-0.3
1.2
2.3
0.8
1.7
VDD33+
0.3
V
V
V
ICLK Type Input Buffer
(
OSCI Input)
Low Input Level
High Input Level
Input Leakage
VILI
VIHI
IILCK
-0.3
OSCVDD12-0.35
-10
0.35
3.6
10
V
V
µA
Note 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com