Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748KE/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1748KE/2K
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1748KE/2K Datasheet HTML 1Page - Texas Instruments PCM1748KE/2K Datasheet HTML 2Page - Texas Instruments PCM1748KE/2K Datasheet HTML 3Page - Texas Instruments PCM1748KE/2K Datasheet HTML 4Page - Texas Instruments PCM1748KE/2K Datasheet HTML 5Page - Texas Instruments PCM1748KE/2K Datasheet HTML 6Page - Texas Instruments PCM1748KE/2K Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma,
Audio Digital-to-Analog Converter
•
AV Receivers
•
24-Bit Resolution
•
DVD Movie Players
•
Analog Performance (VCC = 5 V):
•
DVD Add-On Cards for High-End PCs
– Dynamic Range:
•
HDTV Receivers
• 106 dB, Typical (PCM1748KE)
•
Car Audio Systems
• 100 dB, Typical (PCM1748E)
•
Other Applications Requiring 24-Bit Audio
– SNR:
• 106 dB, Typical (PCM1748KE)
• 100 dB, Typical (PCM1748E)
The PCM1748 is a CMOS, monolithic, integrated
– THD+N:
circuit which includes stereo digital-to-analog con-
verters (DAC) and support circuitry in a small
• 0.002%, Typical (PCM1748KE)
SSOP-16 package. The data converters use Texas
• 0.003%, Typical (PCM1748E)
Instruments' enhanced multilevel delta-sigma archi-
– Full-Scale Output: 3.1 Vp-p, Typical
tecture that employs fourth-order noise shaping and
•
8× Oversampling Digital Filter:
8-level amplitude quantization to achieve excellent
dynamic performance and improved tolerance to
– Stop-Band Attenuation: –55 dB
clock jitter. The PCM1748 accepts industry-standard
– Pass-Band Ripple: ±0.03 dB
audio data formats with 16- to 24-bit data, providing
•
Sampling Frequency: 5 kHz to 100 kHz
easy interfacing to audio DSP and decoder chips.
Sampling rates up to 100 kHz are supported. A full
•
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
set of user-programmable functions is accessible
With Autodetect
through a 3-wire serial-control port that supports
•
Accepts 16-, 18-, 20-, and 24-Bit Audio Data
register write functions.
•
Data Formats: Standard, I
2S, and
Left-Justified
•
User-Programmable Mode Controls:
– Digital Attenuation: 0 dB to –63 dB,
0.5 dB/Step
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
– Soft Mute
– Zero Flags for Each Output
•
Dual-Supply Operation:
– 5-V Analog
– 3.3-V Digital
•
5-V Tolerant Digital Inputs
•
Small SSOP-16 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FilterPro is a trademark of Texas Instruments.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1748KE/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1748KE/2K BURR-BROWN-PCM1748KE/2K Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1748KE/2K TI1-PCM1748KE/2K Datasheet
974Kb / 38P
Audio Digital-to-Analog Converter
PCM1748KE/2KG4 TI1-PCM1748KE/2KG4 Datasheet
974Kb / 38P
Audio Digital-to-Analog Converter
More results

Similar Description - PCM1748KE/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com