Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748KE/2K.B Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1748KE/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748KE/2K.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1748KE/2K.B Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 9Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 10Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 11Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 12Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 13Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 14Page - Texas Instruments PCM1748KE/2K.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
www.ti.com
SYSTEM CLOCK AND RESET FUNCTIONS
SYSTEM CLOCK INPUT
t
SCKH
t
SCKL
2 V
0.8 V
System Clock
H
L
t
SCKY
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
The PCM1748 requires a system clock for operating the digital interpolation filters and multilevel delta-sigma
modulators. The system clock is applied at the SCK input (pin 16). Table 1 shows examples of system clock
frequencies for common audio sampling rates.
Figure 19 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise. The PLL1700 multiclock generator from Texas Instruments is
an excellent choice for providing the PCM1748 system clock.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY (kHz)
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
256 fS
384 fS
512 fS
768 fS
8
2.048
3.072
4.096
6.144
16
4.096
6.144
8.192
12.288
32
8.192
12.288
16.384
24.576
44.1
11.2896
16.9344
22.5792
33.8688
48
12.288
18.432
24.576
36.864
88.2
22.5792
33.8688
45.1584
(1)
96
24.576
36.864
49.152
(1)
(1)
This system clock is not supported for the given sampling frequency.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tSCKY
System clock cycle time (1)
20
ns
tSCKH
System clock pulse duration, HIGH
7
ns
tSCKL
System clock pulse duration, LOW
7
ns
(1)
1/256 fS, 1/384 fS, 1/512 fS, or 1/768 fS
Figure 19. System Clock Input Timing
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com