Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1801U/2K.B Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1801U/2K.B
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801U/2K.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1801U/2K.B Datasheet HTML 10Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 11Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 12Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 13Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 14Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 15Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 16Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 17Page - Texas Instruments PCM1801U/2K.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
SERIAL AUDIO DATA INTERFACE
DATA FORMAT
16-Bit, MSB-First, Left-Justified
BCK
LRCK
Right-Channel
Left-Channel
DOUT
1
14 15 16
3
2
1
MSB
LSB
MSB
LSB
14 15 16
3
2
1
LRCK
Right-Channel
Left-Channel
BCK
DOUT
MSB
LSB
MSB
LSB
16-Bit, MSB-First, I2S
FMT = H
14 15 16
3
2
1
14 15 16
3
2
1
FMT = L
T0016-03
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
The PCM1801 interfaces the audio system through BCK (pin 6), LRCK (pin 7), and DOUT (pin 8).
The PCM1801 accepts 64-BCK/LRCK, 48-BCK/LRCK (only for a 384-fS system clock) or 32-BCK/LRCK format
for the left-justified format. And the PCM1801 accepts the 64-BCK/LRCK or 48-BCK/LRCK format (only for a
384-fS system clock) for I
2S format.
The PCM1801 supports two audio data formats in slave mode, which are selected by the FMT control input
(pin 10) as shown in Table 3. Figure 25 illustrates the data format. If the application system cannot ensure an
effective system clock prior to power up of the PCM1801, the FMT pin must be held LOW until the power-on
reset sequence is completed. In this case, if the I2S format (FMT = HIGH) is required in the application, FMT can
be set HIGH after the power-on reset sequence is completed.
Table 3. Data Format
FMT
DATA FORMAT
0 (L)
16-bit, left-justified
1 (H)
16-bit, I2S
Figure 25. Audio Data Format
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com