Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2906CDB Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM2906CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB Datasheet(HTML) 5 Page - Texas Instruments

  PCM2906CDB Datasheet HTML 1Page - Texas Instruments PCM2906CDB Datasheet HTML 2Page - Texas Instruments PCM2906CDB Datasheet HTML 3Page - Texas Instruments PCM2906CDB Datasheet HTML 4Page - Texas Instruments PCM2906CDB Datasheet HTML 5Page - Texas Instruments PCM2906CDB Datasheet HTML 6Page - Texas Instruments PCM2906CDB Datasheet HTML 7Page - Texas Instruments PCM2906CDB Datasheet HTML 8Page - Texas Instruments PCM2906CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS, = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data (unless otherwise noted).
PCM2906C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
DAC Clock Frequency
fs
Sampling frequency
32, 44.1, 48
kHz
DAC DC Accuracy
Gain mismatch,
±1
±5
% of FSR
channel-to-channel
Gain error
±2
±10
% of FSR
Bipolar zero error
±2
% of FSR
DAC Dynamic Performance(11)
VOUT = 0 dB
0.005
0.016
%
Total harmonic distortion
THD+N
plus noise
VOUT = –60 dB
3
%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
Analog Output
VO
Output voltage
0.6 VCCCI
VPP
Center voltage
0.5 VCCCI
V
Load impedance
AC coupling
10
k
Ω
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
DAC Digital Filter Performance
Passband
0.445 fs
Hz
Stop band
0.555 fs
Hz
Passband ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3 fs
s
POWER-SUPPLY REQUIREMENTS
VBUS
Voltage range
4.35
5
5.25
VDC
ADC, DAC operation
56
67
mA
Supply current
Suspend mode(12)
250
μA
ADC, DAC operation
280
352
mW
PD
Power dissipation
Suspend mode(12)
1.25
mW
Internal power-supply
3.1
3.3
3.5
VDC
voltage(13)
TEMPERATURE RANGE
Operating temperature range
–25
+85
°C
(11) fOUT = 1 kHz, using the System Two audio measurement system by Audio Precision in RMS mode with 20-kHz LPF, 400-Hz HPF.
(12) In USB suspend state.
(13) Pins 10, 17, 19, 23, 27: VCCCI, VCCP1I, VCCP2I, VCCXI, VDDI.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com