Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K/TRANS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K/TRANS1
Description  GENERATOR OF GAME MACHINES SOUND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K/TRANS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K/TRANS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers K/TRANS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB-10
SB-10
The SB-10 module is an electronic generator of typical game machines sound, shoots, movements, etc..
Specillay designed for toy industries, game machines, small-scale model, etc...
It includes connections terminals to make more easy the assmebly.
MUSICAL CIRCUITS
SB-10
SB-10
Ref. Full9903
GENERATOR OF GAME MACHINES SOUND
TECHNICAL CHARACTERISTICS.
Voltage. .............................................................................................12 V. DC. (From 8 up to 15 V. DC.).
Minimum Consumption. ...................................................................40 mA.
Maximum Consumption. ..................................................................150 mA.
Output Impedance. ..........................................................................8 - 16 W.
Maximum R.M.S Output Power. .......................................................325 mW. (8 W) / 162 mW. (16 W)
Protection aginst Polarity Imnversion. ............................................... Yes.
POWER SUPPLY. The
INSTALLATION. Install a push button and a loudspeaker at the indicated terminals. See the General Wiring Map
paragraph. To obtain a correct module’s operating, you have to use quality push button and loudspeaker with 1 W. As
minimum.
For the cabling between push button and module, the length has to be as short as possible, with a maximum of 50
cm. Use shielded cable, connecting the main wire to the negative terminal of the push button and try to do a cabling
inferior than 150 cm.
OPERATING. Once module’s connections done you could activate the mains switch to supply the module. Each
time you press the push button, module will generate different game machine sounds. If you faslty and shortly
press consecutive several times, the module will generate several sounds, creating acontinous effect.
To continuously generate a sound, you only have to maintain pressed the push button, thi ssound will be
generated till you release the push button.
If you wish to control the volume level generated by the module, you have to install at the loudspeaker output, a
47 KW logarythmic potentiometer. See the corresponding schedule.
SB-10 circuit had to be supplied by a 12 VDC (from 8 up to 15 V DC) power supply correctly filtered.
We recommended you the FE-2 power supply which has been developed to perfectly answer to the circuit needs.
Install a fuse and a switch has it is indicated on the schedule. Both are necessary for the module’s protection as well as
for your own safety, as it is required by the “CE” regulations. Connect the positive of the power supply to the positive
terminal indicated in the wiring map, then connect the negative of the power supply to the negative terminal
indicated in the circuit.
To obtain a correct module’s operating, we suggest you to insulate the module from mains parasites, installing
between 230 V AC input and Transformer a mains filter. See the correspondinf paragraph. Verify that the assembly is
correct.
1
E L E C T R O N I C C I R C U I T S
OPERATING.
Loudspeaker
Volume of the
Potentiometer
Power
SPK
Switch
Module
SB-10
2
All the module’s CEBEK have 3 years of total warranty in thecnical
repairing, and spares from the date of buy.
CEBEK is trade make of FADISEL S.L. more than 300 module’s are avaible in
stock for any purpose request our CATALOGUE, or visit our Web.
Http://www.cebek.com
HOW TO INSTALL A MAINS FILTER.
If you have any doubt, you could contact your wholesaler or our Technical Department.
- Via E-Mail, sat@cebek.com
|
by mail
P.O Box 23455 - 08080 BARCELONA - SPAIN.
GENERAL WIRING MAP.
230 V. AC. Mains.
Mains
Switch
Module
FE-2
TRANSFORMER.
0
15
FE-2
230
15 V. A.C.
12 V. D.C.
0
Led
250 mA.
Fuse
Loudspeaker
Power
SPK
Switch
Push Button
Module
SB-10
230 V. AC. Mains
230 V. AC. Output
Filtered Input mains
to the circuit power supply.
Ground
MAINS FILTER
Y
S
E R
A
TECHNICAL CONSULTATIONS.


Similar Part No. - K/TRANS1

ManufacturerPart #DatasheetDescription
logo
Velleman Group nv All r...
K/TRANS1 VELLEMAN-K/TRANS1 Datasheet
507Kb / 2P
ELECTROLYTIC CAPACITOR SET
1/28/2019
More results

Similar Description - K/TRANS1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
Single Sound Generator
10th July 97
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
Single Sound Generator
10th July 97
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
Dual Sound Generator
10th July 97
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
6-Sound Generator
11th July 97
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
4-Sound Generator
11th July 97
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
Programmable Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A Datasheet
91Kb / 8P
SINGLE SOUND GENERATOR
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com