Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAR2G331MELA45 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LAR2G331MELA45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAR2G331MELA45 Datasheet(HTML) 1 Page - Nichicon corporation

  LAR2G331MELA45 Datasheet HTML 1Page - Nichicon corporation LAR2G331MELA45 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Shelf Life
Tangent of loss angle (tan δ)
LAR Snap-inTerminalType,105°CPermissibleOvervoltage
Withstanding 2000 hours application of rated ripple current
at 105°C.
Reduction of short incidence when overvoltage (rated
voltage x 1.5) is applied to a capacitor.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Marking
Performance Characteristics
Item
– 40 to +105˚C (200 250V), – 25 to +105˚C (400 450V)
200 to 450V
82 to 2200µF
± 20% at 120Hz, 20˚C
Printed with white color letter on black sleeve.
When overvoltage (rated voltage x 1.5, limited current = 1A) is applied to a capacitor, more than 60% of the capacitors are passing.
(passing condition : The pressure relief vent will operate normally or will not be opened for 10min without short and flame.)
Safety Performance
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 2000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
Measurement frequency : 120Hz at 20˚C
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
Dimension table in next page.
LAR
LGU
Permissible
Overvoltage
(µA) (After 5 minutes' application of rated voltage at 20°C
) [C : Rated Capacitance(µF), V : Voltage ( V ) ]
3
I
CV
Rated voltage (V)
200 to 400
450
tan δ (max.)
0.15
0.20
Measurement frequency : 120Hz
Rated voltage(V)
Impedance ratio
(max.)
200 • 250
400 • 450
3
12
8
-----
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
10
±0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.
2
-0.1
0.8
+0.2
-0.1
L
1
A
2
R
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z
12
3
13
0
14
Configuration
Case dia. code
Case length code
Rated Capacitance (120F)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (20%)
Polarity bar
(10)
L±2
 4.0±0.5
Pressure relief vent
Sleeve (PET)
100.
1
2-2φ±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
L
1
A
2
R
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z
12
3
13
0
14
Configuration
Case dia. code
Case length code
Rated capacitance (120µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (±20%)
Polarity bar
10
L2
4.00.5
Pressure relief vent
Sleeve (P.E.T.)
Drawing
Type numbering system (Example : 400V 120µF)
200,250V
400,450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k or more
1.50
1.43
Frequency coefficient of rated ripple current
Capacitance change
tan δ
Leakage current
Within ±15% of the initial capacitance value
150% or less than the initial specified value
Less than or equal to the initial specified value
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
The other terminal is also available upon request.
Please refer
to page
"Snap-in Terminal type Terminal-Shape"
for schematic of dimensions.
Frequency(Hz)
coeff.
CAT.8100N


Similar Part No. - LAR2G331MELA45

ManufacturerPart #DatasheetDescription
logo
u-blox AG
LARA-R6 U-BLOX-LARA-R6 Datasheet
1Mb / 41P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
18-Aug-2022
LARA-R6001 U-BLOX-LARA-R6001 Datasheet
1Mb / 41P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
18-Aug-2022
LARA-R6001 U-BLOX-LARA-R6001 Datasheet
141Kb / 2P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
R09
LARA-R6001-00B U-BLOX-LARA-R6001-00B Datasheet
1Mb / 41P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
18-Aug-2022
LARA-R6001-00B-00 U-BLOX-LARA-R6001-00B-00 Datasheet
1Mb / 41P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
18-Aug-2022
More results

Similar Description - LAR2G331MELA45

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com