Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAR2E331MELZ30 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LAR2E331MELZ30
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAR2E331MELZ30 Datasheet(HTML) 2 Page - Nichicon corporation

  LAR2E331MELZ30 Datasheet HTML 1Page - Nichicon corporation LAR2E331MELZ30 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Rated ripple current (mArms) at 105°C 120Hz
LAR
Dimensions
390
470
560
680
820
1000
1200
1500
1800
2200
22 × 25
22 × 30
25 × 25
22 × 35
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
22 × 50
25 × 45
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
1310
1480
1480
1600
1750
1750
1750
2040
2040
2300
2300
2300
2300
2650
2650
2650
2800
2800
3080
3080
3480
0.83
0.91
0.91
1.00
1.10
1.10
1.10
1.21
1.21
1.34
1.34
1.34
1.34
1.46
1.46
1.46
1.64
1.64
1.80
1.80
1.98
LAR2D391MELZ25
LAR2D471MELZ30
LAR2D471MELA25
LAR2D561MELZ35
LAR2D681MELZ40
LAR2D681MELA30
LAR2D681MELB25
LAR2D821MELZ45
LAR2D821MELA35
LAR2D102MELZ50
LAR2D102MELA45
LAR2D102MELB30
LAR2D102MELC25
LAR2D122MELA50
LAR2D122MELB35
LAR2D122MELC30
LAR2D152MELB40
LAR2D152MELC35
LAR2D182MELB50
LAR2D182MELC40
LAR2D222MELC45
200V (2D)
Rated
ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
270
330
390
470
560
680
820
1000
1200
1500
1800
1100
1200
1200
1300
1300
1400
1400
1400
1500
1500
1500
1700
1700
1700
1700
2000
2000
2000
2200
2200
2300
2300
2500
2700
0.77
0.86
0.86
0.93
0.93
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.64
1.64
1.83
2.01
LAR2E271MELZ25
LAR2E331MELZ30
LAR2E331MELA25
LAR2E391MELZ35
LAR2E391MELA30
LAR2E471MELZ40
LAR2E471MELA35
LAR2E471MELB25
LAR2E561MELZ45
LAR2E561MELA35
LAR2E561MELB30
LAR2E681MELZ50
LAR2E681MELA40
LAR2E681MELB30
LAR2E681MELC25
LAR2E821MELA45
LAR2E821MELB35
LAR2E821MELC30
LAR2E102MELB40
LAR2E102MELC35
LAR2E122MELB45
LAR2E122MELC40
LAR2E152MELC45
LAR2E182MELC50
250V (2E)
Rated
ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
100
120
180
220
270
330
390
470
560
680
680
730
950
950
950
1100
1100
1100
1220
1220
1220
1220
1440
1440
1550
1550
1550
1680
1680
1900
1900
2120
0.60
0.65
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
0.98
0.98
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.41
1.41
1.56
LAR2G101MELZ25
LAR2G121MELZ30
LAR2G181MELZ35
LAR2G181MELA30
LAR2G181MELB25
LAR2G221MELZ45
LAR2G221MELA35
LAR2G221MELB25
LAR2G271MELZ50
LAR2G271MELA40
LAR2G271MELB30
LAR2G271MELC25
LAR2G331MELA45
LAR2G331MELB35
LAR2G391MELA50
LAR2G391MELB40
LAR2G391MELC30
LAR2G471MELB45
LAR2G471MELC35
LAR2G561MELB50
LAR2G561MELC40
LAR2G681MELC45
400V (2G)
Rated
ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
82
100
120
150
180
220
270
330
390
470
560
340
690
690
720
720
790
790
790
870
870
870
1050
1050
1050
1230
1230
1230
1380
1380
1610
1610
1780
1990
0.57
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LAR2W820MELZ25
LAR2W101MELZ30
LAR2W101MELA25
LAR2W121MELZ35
LAR2W121MELA30
LAR2W151MELZ40
LAR2W151MELA30
LAR2W151MELB25
LAR2W181MELZ45
LAR2W181MELA35
LAR2W181MELB30
LAR2W221MELA40
LAR2W221MELB30
LAR2W221MELC25
LAR2W271MELA50
LAR2W271MELB35
LAR2W271MELC30
LAR2W331MELB40
LAR2W331MELC35
LAR2W391MELB50
LAR2W391MELC40
LAR2W471MELC45
LAR2W561MELC50
450V (2W)
Rated
ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
22 × 25
22 × 30
25 × 25
22 × 35
25 × 30
22 × 40
25 × 35
30 × 25
22 × 45
25 × 35
30 × 30
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
30 × 40
35 × 35
30 × 45
35 × 40
35 × 45
35 × 50
22 × 25
22 × 30
22 × 35
25 × 30
30 × 25
22 × 45
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
22 × 25
22 × 30
25 × 25
22 × 35
25 × 30
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com