Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM72295MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # SM72295MA/NOPB
Description  SM72295 Photovoltaic Full Bridge Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM72295MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  SM72295MA/NOPB Datasheet HTML 1Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 2Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 3Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 4Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 5Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 6Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 7Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 8Page - Texas Instruments SM72295MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM72295
www.ti.com
SNVS688E – OCTOBER 2010 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
19, 27
HOA,
High side gate driver output
Connect to gate of high side MOSFET with a short low inductance path.
HOB
20,26
HBA,
High side gate driver bootstrap rail.
Connect the positive terminal of the bootstrap capacitor to HB and the negative
HBB
terminal to HS. The bootstrap capacitor should be placed as close to IC as
possible.
21,25
VCCA,
Positive gate drive supply
Locally decouple to PGND using low ESR/ESL capacitor located as close to IC
VCCB
as possible.
22, 24
LOA,
Low side gate driver output
Connect to the gate of the low side MOSFET with a short low inductance path.
LOB
23
PGND
Power ground return
Ground return for the LO drivers. Tie to the ground plane under the IC
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VCCA, VCCB
-0.3 to 14V
VDD
-0.3 to 7V
HBA to HSA, HBB to HSB
-0.3 to 15V
LIA,LIB,HIA,HIB,OVS
-0.3 to 7V
LOA,LOB
-0.3 to VCC+ 0.3V
HOA,HOB
HS–0.3 to HB + 0.3V
SIA,SOA,SIB,SOB
-0.3 to 100V
SIA to SOA, SIB to SOB
-0.8 to 0.8V
HSA,HSB(3)
-5 to 100V
HBA, HBB
115V
PGOOD, OVP
-0.3 to VDD
IIN, IOUT
-0.3 to VDD
BIN, BOUT
-0.3 to VDD
Junction Temperature
150°C
Storage Temperatue Range
-55°C to +150°C
ESD Rating(4)
Human Body Model
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
In the application the HS nodes are clamped by the body diode of the external lower N-MOSFET, therefore the HS node will generally
not exceed –1V. However, in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur, the HS voltage must never be more negative than VCC-15V. For example if VCC = 10V,
the negative transients at HS must not exceed –5V.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2 kV for all pins except HB, HO & HS
which are rated at 1000V.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM72295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com