Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U90R32P1 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # U90R32P1
Description  ExpressPort® QSFP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

U90R32P1 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  U90R32P1 Datasheet HTML 1Page - Amphenol Communications Solutions U90R32P1 Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
Amphenol ICC’s ExpressPort® QSFP+ interconnect
system is comprised of a 38 position 0.8mm pitch SMT
connector, and a press-fit cage. With four channels of
data in one pluggable, the system interface is capable of
transferring data up to 16Gb/s per Channel, and replacing
up to 4 standard SFP+ receptacles. These features result
in greater port density and overall cost savings over
traditional SFP+ products. Supporting standards include,
Gigabit Ethernet, InfiniBand, and SONET/SDH with
different data rate options. ExpressPort® QSFP+ includes
cages in single, ganged and stacked configurations with
multiple heat sink options supporting various thermal
requirements and port status with light pipes options.
TARGET MARKETS
ExpressPort® QSFP+
MATERIAL
§
§
Housing: Black color, Glass reinforced, Lead
Free Solder Reflow Process Compatible Thermo
Plastic
§
§
Contacts Base Material: Phosphor Bronze
§
§
Plating Solder Tails: Matte tin
§
§
Plating Mating Area: Gold
§
§
Resonance Dampening Feature: Conductive
Polymer
MECHANICAL PERFORMANCE
§
§
Durability: 250 mating cycles
§
§
Mating Force: 40 N max.
§
§
Contact Normal Force: 50 grams min.
§
§
PCB Thickness Single Side (Cage): 1.44 mm
(0.057in.) min.
§
§
PCB Thickness Belly to Belly (Cage): 2.85 mm
(0.093in.) min.
§
§
Unmating Force (Cage): 30 N max.
§
§
Insertion Force to PCB (Cage):
§
§
780 N for 1 port
§
§
1000 N for 2 Ports
§
§
1700 N for 4 Ports
§
§
2400 N for 6 Ports
ELECTRICAL PERFORMANCE
§
§
Operating Voltage: 30 VDC per contact
§
§
Operating Current: 0.5 A per contact
§
§
Differential Impedance: 100Ω +/- 10Ω
ENVIRONMENTAL
§
§
Operating and (Storage) Temperature: -40° to +85° C
§
§
RoHS & Halogen-Free
TOOLING INFORMATION
§
§
Cage Mounting: Behind Bezel, Thru Bezel, Hybrid
§
§
EMI Options: Spring Fingers, Gasket
§
§
Configurations:
§
§
1XN (N=1,2,3,4,6)
§
§
2XN (N=1,2,3)
TARGET MARKETS/APPLICATIONS
Network Interface Cards
SAN-Storage Attached Networks
Hubs
HBA
Router
Switch
Servers
TECHNICAL INFORMATION


Similar Part No. - U90R32P1

ManufacturerPart #DatasheetDescription
logo
Alpha Company Ltd.
U90-25BT ALPHAC-U90-25BT Datasheet
80Kb / 1P
HEATSINK BOTTOM
logo
Amphenol Corporation
U90-A121-1X0X AMPHENOL-U90-A121-1X0X Datasheet
145Kb / 4P
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
U90-A131-1X0X AMPHENOL-U90-A131-1X0X Datasheet
145Kb / 4P
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
U90-A141-1X0X AMPHENOL-U90-A141-1X0X Datasheet
145Kb / 4P
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
U90-A1A1-1X0X AMPHENOL-U90-A1A1-1X0X Datasheet
145Kb / 4P
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
More results

Similar Description - U90R32P1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
logo
Samtec, Inc
QSFPC-PF-01-F SAMTEC-QSFPC-PF-01-F Datasheet
432Kb / 4P
QSFP CAGE
FQSFP SAMTEC-FQSFP Datasheet
368Kb / 2P
FLYOVER® QSFP CABLE ASSEMBLIES
Rev 30AUG22
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-15M-C ATGBICS-40G-QSFP-QSFP-AOC-15M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-15M Brocade Compatible Active Optical Cable 40G QSFP (15m)
40G-QSFP-QSFP-AOC-1M-C ATGBICS-40G-QSFP-QSFP-AOC-1M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-1M Brocade Compatible Active Optical Cable 40G QSFP (1m)
40G-QSFP-QSFP-AOC-2M-C ATGBICS-40G-QSFP-QSFP-AOC-2M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-2M Brocade Compatible Active Optical Cable 40G QSFP (2m)
40G-QSFP-QSFP-AOC-30M-C ATGBICS-40G-QSFP-QSFP-AOC-30M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-30M Brocade Compatible Active Optical Cable 40G QSFP (30m)
logo
II-VI Marlow, Inc.
FTCD8613E2PCM VIMARLOW-FTCD8613E2PCM Datasheet
518Kb / 10P
400G-SR8 QSFP-DD Finisar® Transceiver
June 2022
logo
ATGBICS by Approved Tec...
CPAC-TR-40SR-SSM160-QSFP ATGBICS-CPAC-TR-40SR-SSM160-QSFP Datasheet
617Kb / 16P
Checkpoint® Compatible 40Gb/s QSFP SR4 QSFP Transceiver Hot Pluggable, MTP/MPO Connector, 3.3V, MMF 150M DDM 0~70C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com