Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM72482MA-4/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # SM72482MA-4/NOPB
Description  Dual 5A Compound Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM72482MA-4/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  SM72482MA-4/NOPB Datasheet HTML 1Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 2Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 3Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 4Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 5Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 6Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 7Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 8Page - Texas Instruments SM72482MA-4/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
INPUT
OUTPUT
tf
tD1
tr
tD2
90%
10%
50%
50%
INPUT
OUTPUT
tr
tD1
tf
tD2
90%
10%
50%
50%
SM72482
www.ti.com
SNVS696C – JANUARY 2011 – REVISED APRIL 2013
Electrical Characteristics (continued)
TJ = −40°C to +125°C, VCC = 12V, VEE = 0V, No Load on OUT_A or OUT_B, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIL
Input Current Low
IN_A=IN_B=VCC
−1
0.1
1
IIH
Input Current High
IN_A=IN_B=VCC(SM72482MY-1)
10
18
25
µA
IN_B=VCC (SM72482MA-4)
10
18
25
IN_A=VCC (SM72482MA-4)
-1
0.1
1
OUTPUT DRIVERS
ROH
Output Resistance High
IOUT = −10 mA
(1)
30
50
Ω
ROL
Output Resistance Low
IOUT = + 10 mA
(1)
1.4
2.5
Ω
ISource
Peak Source Current
OUTA/OUTB = VCC/2,
3
A
200 ns Pulsed Current
ISink
Peak Sink Current
OUTA/OUTB = VCC/2,
5
A
200 ns Pulsed Current
SWITCHING CHARACTERISTICS
td1
Propagation Delay Time Low to
CLOAD = 2 nF, see Figure 2 and
25
40
ns
High, IN rising (IN to OUT)
Figure 3
td2
Propagation Delay Time High to
CLOAD = 2 nF, see Figure 2 and
25
40
ns
Low, IN falling (IN to OUT)
Figure 3
tr
Rise Time
CLOAD = 2 nF, see Figure 2 and
14
25
ns
Figure 3
tf
Fall Time
CLOAD = 2 nF, see Figure 2 and
12
25
ns
Figure 3
LATCHUP PROTECTION
AEC - Q100, Method 004
TJ = 150°C
500
mA
THERMAL RESISTANCE
θJA
Junction to Ambient,
SOIC Package
170
°C/W
0 LFPM Air Flow
VSSOP Package
60
θJC
Junction to Case
SOIC Package
70
°C/W
VSSOP Package
4.7
(1)
The output resistance specification applies to the MOS device only. The total output current capability is the sum of the MOS and
Bipolar devices.
TIMING WAVEFORMS
Figure 2. Inverting
Figure 3. Non-Inverting
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM72482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com