Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFP3WSCRC Datasheet(PDF) 8 Page - YAGEO Corporation

Part # MFP3WSCRC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP3WSCRC Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button MFP3WSCRC Datasheet HTML 4Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 5Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 6Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 7Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 8Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 9Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 10Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 11Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
8
13
Product Specification
MFP
Through Hole Resistors
TAPE ON BOX PACKING
BULK PACKING
Normal
Miniature
Piece/Per Inner Box
Bag/Per Inner Box
Piece Per Bag
MFP-12
MFP25S
10,000
10
1,000
MFP204
-
10,000
10
1,000
MFP-25
MFP50S
10,000
10
1,000
MFP207
-
10,000
10
1,000
MFP-50
MFP1WS
5,000
5
1,000
MFP100
MFP2WS
2,000
4
500
MFP200
MFP3WS
1,000
2
500
TYPE
DIMENSIONS
Unit: mm/piece
Normal
Miniature
A
B
C
Quantity Per Box
MFP-12
MFP25S
48
102
255
5,000
MFP-12
MFP25S
81
70
260
5,000
MFP204
-
48
102
255
5,000
MFP204
-
81
70
260
5,000
MFP-25
MFP50S
48
102
255
5,000
MFP-25
MFP50S
81
104
260
5,000
MFP-207
-
48
102
255
5,000
MFP-207
-
81
104
260
5,000
MFP-50
MFP1WS
73
45
258
1,000
MFP100
MFP2WS
81
78
260
1,000
MFP100
MFP2WS
103
91
260
1,000
MFP200
MFP3WS
81
91
260
1,000
MFP200
MFP3WS
103
94
260
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com