Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFP2WSATC Datasheet(PDF) 5 Page - YAGEO Corporation

Part # MFP2WSATC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP2WSATC Datasheet(HTML) 5 Page - YAGEO Corporation

  MFP2WSATC Datasheet HTML 1Page - YAGEO Corporation MFP2WSATC Datasheet HTML 2Page - YAGEO Corporation MFP2WSATC Datasheet HTML 3Page - YAGEO Corporation MFP2WSATC Datasheet HTML 4Page - YAGEO Corporation MFP2WSATC Datasheet HTML 5Page - YAGEO Corporation MFP2WSATC Datasheet HTML 6Page - YAGEO Corporation MFP2WSATC Datasheet HTML 7Page - YAGEO Corporation MFP2WSATC Datasheet HTML 8Page - YAGEO Corporation MFP2WSATC Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
5
13
Product Specification
MFP
Through Hole Resistors
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV(or Umax.,
whichever less)
±1.5%+0.05
Ω
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±1.5%+0.05
Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C
➔ Room Temp. ➔ +155°C
➔ Room Temp.(5 cycles)
±0.75%+0.05
Ω
Resistance to Soldering
Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to a
point 3±0.5mm from the body
±0.25%+0.05
Ω
Note:.
AXIAL / REEL TAPE SPECIFICATION
RCWV (Rated Continuous Working Voltage ):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com