Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFP2WSBTC Datasheet(PDF) 12 Page - YAGEO Corporation

Part # MFP2WSBTC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP2WSBTC Datasheet(HTML) 12 Page - YAGEO Corporation

Back Button MFP2WSBTC Datasheet HTML 5Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 6Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 7Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 8Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 9Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 10Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 11Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 12Page - YAGEO Corporation MFP2WSBTC Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
12
13
Product Specification
MFP
Through Hole Resistors
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
Aug.2, 2021
-
- First issue of this specification
Version 1
Jul.13, 2022
- Added tolerance +/-0.02% color code
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as
the products itse lf are unchanged. Any product change will be announced by PCN.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com