Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF02HCLP09B Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP09B
Description  Input/Output connector, EMI countermeasure, Half-pitch (1.27mm), Clamp plate, For 36, 50 pos., Applicable hood
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP09B Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DF02HCLP09B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP09B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP09B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF02HCLP09B
Features
Input/Output connector, EMI countermeasure, Half-pitch (1.27mm), Clamp plate, For 36, 50 pos., Applicable hood
Part Number
DF02HCLP09B
Status
Active
Number of Positions
-
Contact Pitch (mm)
  
Rated Current (A)
  
Rated Voltage (V)
  
Applicable Specifications
  
Waterproof/ Non-waterproof
  
Applications
 
Factory automation, semiconductor manufacturing and broadcasting
equipment, as well as communication devices, measurement and other
instrumentations. 
Connector Type
Clamp plate
Connector Style
  
Contact Type
  
Wire Termination Style
  
Applicable Wire Size (AWG)
  
Number of Rows
  
Product Details


Similar Part No. - DF02HCLP09B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DF02HCLP09B JAE-DF02HCLP09B Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
More results

Similar Description - DF02HCLP09B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
47Kb / 2P
EMI countermeasure product for power line
logo
CONEC Elektronische Bau...
165X14769X CONEC-165X14769X Datasheet
67Kb / 1P
HOOD 9-50 POS
165X14719X CONEC-165X14719X Datasheet
56Kb / 1P
HOOD 9-50 POS
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
EMI countermeasure for spread spectrum IC
logo
ISOCOM COMPONENTS
IS3H7 ISOCOM-IS3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
logo
CONEC Elektronische Bau...
165X11659X CONEC-165X11659X Datasheet
79Kb / 1P
METAL HOOD EMI/RFI SHIELDING 9 - 50 pos. with slide lock
2002.25.06
600X51109X CONEC-600X51109X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com