Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCHRACK ORWH Datasheet(PDF) 22 Page - TE Connectivity Ltd

Part # SCHRACK ORWH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK ORWH Datasheet(HTML) 22 Page - TE Connectivity Ltd

Back Button SCHRACK ORWH Datasheet HTML 18Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 19Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 20Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 21Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 22Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 23Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 24Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 25Page - TE Connectivity Ltd SCHRACK ORWH Datasheet HTML 26Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Signal Relays
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Axicom IM
4G telecom/signal relay/switching relay
Slim line 10x6mm, low-profile 5.65mm
Switching power 60W/62.5VA
Switching voltage 220VDC/250VAC
Monostable + Bistable
Low rated coil power
High dielectric version
High current version up to 5 A
High contact stability version
Bifurcated contacts + single contact
Axicom IMB
4G telecom/signal relay/switching relay
Slim line 10x6mm, low-profile 5.65mm
Switching power 60W/62.5VA
Switching voltage 220VDC/250VAC
Monostable + Bistable
Very high dielectric version
Bifurcated contacts
Axicom IMC
4G telecom/signal relay/switching relay
Slim line 10x6mm, low-profile 5.65mm
Switching power 60W/62.5VA
Switching voltage 220VDC/250VAC
Monostable + Bistable
High dielectric version
High current version up to 4 A
Bifurcated contacts
Applications
Telecommunication, access and
transmission equipment
Thermostat controls, fire and security
equipment
Measurement and test equipment,
Industrial controls, medical equipment
Telecommunication, access and
transmission equipment
Thermostat controls, fire and security
equipment
Measurement and test equipment,
Industrial controls, medical equipment
Telecommunication, access and
transmission equipment
Thermostat controls, fire and security
equipment
Measurement and test equipment,
Industrial controls, medical equipment
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
2 form C, 2 CO
Single contact + Bifurcated contacts
250VAC/220VDC
2/5A
60W/62.5VA
100µV/1µA
<50mΩ at 10mA/30mV I: < 100mΩ
1 form A, 1 NO
Bifurcated contacts
250VAC/220VDC
2A
60W/62.5VA
100µV/1µA
<100mΩ at 10mA/30mV
1 form C, 1 CO
Bifurcated contacts
250VAC/220VDC
2/4A
60W/62.5VA
100µV/1µA
<50mΩ at 10mA/ 30mV
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil / bistable 1 coil/2 coils
Polarized
1.5 to 24VDC
50 to 200mW-/-
Polarized
1.5 to 24VDC
140mW/-/-
Polarized
1.5 to 24VDC
140mW/-/-
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Isolation 100/900MHz
Insertion loss 100/900MHz
Volt. standing wave ratio
100/900MHz
Capacitance
between open contacts
750 to 1500Vrms
1500 to 1800Vrms
750 to 1800Vrms
1000 to 2500V
2000 to 2500V
1000 to 2500V
37.0/18.8dB
0.03/0.33dB
1.06/1.49
max. 1pF
2500Vrms
3500Vrms
3500V
4900V
37.0/18.8dB
0.03/0.33dB
1.06/1.49
max. 1pF
1000 to 1600Vrms
1800 to 2200Vrms
1500 to 2200V
2500 to 3000V
37.0/18.8dB
0.03/0.33dB
1.06/1.49
max. 1pF
Other Data
Ambient temperature (max.)
Category of environmental
protection
Terminal type
Dimension (lwh)
-40 to +85°C
IP67/RTV
THT, SMT
10x6x5.65mm
-40 to +85°C
IP67/RTV
THT, SMT
10x6x5.65mm
-40 to +85°C
IP67/RTV
THT, SMT
10x6x5.65mm
Link to datasheet
Axicom IM
Axicom IMB
Axicom IMC
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com