Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V4L Datasheet(PDF) 1 Page - Saia-Burgess

Part # V4L
Description  Burgess switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

V4L Datasheet(HTML) 1 Page - Saia-Burgess

  V4L Datasheet HTML 1Page - Saia-Burgess V4L Datasheet HTML 2Page - Saia-Burgess V4L Datasheet HTML 3Page - Saia-Burgess V4L Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
35
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
V4L
V4L
Characteristics ■
long overtravel of 2.2 mm minimum
■
sealed to (IP6K7) option
■
pre-wired option
■
solder terminals
■
compliant to glow wire test IEC 60335-1, 4. ed.
as optional item
Rating
250 VAC, 5 A
Dimensions (mm)
20 • 11• 6.4
Actuator ■
plunger
■
plain lever
■
ice break lever
Approvals
ENEC, UL, CSA
Preferred Range
Ordering Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
Reference (N)
(ozf)
(mm)
V4LS 2,5
9,0
IP6K7
11,7 ± 0,4
Cable 500 mm
CO
Plunger
Ag
250 VAC, 5 A
V4LSA2 2,0
IP6K7
16,5 ± 1,0
Cable 500 mm
CO
Plain lever
Ag
250 VAC, 5 A
V4LST7 2,5
9,0
IP6K7
11,7 ± 0,4
Solder
CO
Plunger
Ag
250 VAC, 5 A
V4LST7A2 2,0
IP6K7
14,6 ± 1,0
Solder
CO
Plain lever
Ag
250 VAC, 5 A


Similar Description - V4L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
Threshold switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
Switches
logo
E-SWITCH
KO103C-701 E-SWITCH-KO103C-701 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
KO103D-701 E-SWITCH-KO103D-701 Datasheet
33Kb / 1P
KEYLOCK SWITCHES
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
Manual Switches Covers for Paddle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com